Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2L05R1815PS Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST2L05R1815PS
Description  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1815PS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST2L05R1815PS Datasheet HTML 14Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 15Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 16Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 17Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 18Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 19Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 20Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 21Page - STMicroelectronics ST2L05R1815PS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ST2L05
18/23
Figure 31: Change of VO with Step Load
Change
Figure 32: Change of VO with Step Load
Change
Figure 33: Start-Up Transient
Figure 34: Start-Up Transient
VI=5V, IO=1mA to 1A, CO=10µF, CI=22µF all ceramic X5R,
TJ=25°C, tRISE=tFALL=1µs
VI=5V, IO=1A to 1mA, CO=10µF, CI=22µF all ceramic X5R,
TJ=25°C, tFALL=1µs
VI=0 to 5V, IO=1mA, CO=10µF, CI=22µF all ceramic X5R, TJ=25°C,
tRISE ≤ 1µs
VI=0 to 5V, IO=1A, CO=10µF, CI=22µF all ceramic X5R, TJ=25°C,
tRISE ≤ 1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com