Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2L05R1818PS Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2L05R1818PS
Description  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1818PS Datasheet(HTML) 5 Page - STMicroelectronics

  ST2L05R1818PS Datasheet HTML 1Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 2Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 3Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 4Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 5Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 6Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 7Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 8Page - STMicroelectronics ST2L05R1818PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ST2L05
5/23
Figure 4: Application Circuit Of Fixed/fixed Version
Figure 5: Application Circuit Of Fixed/adj Version
NOTE: The regulator is designed to be stable with either tantalum or ceramic capacitors on the input and outputs. The expected values of
the input and output X7R ceramic capacitors are from 4.7µF to 22µF with 4.7µF typical. The input capacitor must be connected within 0.5
inches of the VI terminal. The output capacitors must also be connected within 0.5 inches of output pins VO1 and VO2. There is no upper limit
to the size of the input capacitor (for more details see the Application Hints section).
NOTE: In the Fixed/ADJ version, the adjustable output voltage VO2 is designed to support output voltages from 1.25V to VI - VDROP. The
adjustable output voltage VO2 is set by a resistor divider connected between VO2 (pin4) and Ground (pin3) with its centre tap connected to
VO2 ADJ (pin2). The voltage divider resistors are: R1 connected to VO2 and VO2 ADJ and R2 connected to VO2 ADJ and GND. VO2 is deter-
mined by VREF, R1, R2, and IADJ as follows (for more details see the Application Hints section):
VO2 = VREF (1+R1/R2) + IADJR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com