Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5524-AS Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5524-AS
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5524-AS Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5524-AS Datasheet HTML 19Page - Cirrus Logic CS5524-AS Datasheet HTML 20Page - Cirrus Logic CS5524-AS Datasheet HTML 21Page - Cirrus Logic CS5524-AS Datasheet HTML 22Page - Cirrus Logic CS5524-AS Datasheet HTML 23Page - Cirrus Logic CS5524-AS Datasheet HTML 24Page - Cirrus Logic CS5524-AS Datasheet HTML 25Page - Cirrus Logic CS5524-AS Datasheet HTML 26Page - Cirrus Logic CS5524-AS Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
CS5521/22/23/24/28
DS317F2
23
PERFORM CALIBRATION
Function:
These commands instruct the ADC to perform a calibration on the physical input channel refer-
enced which is chosen by the command byte pointer bits (CSRP3 - CRSP0).
CSRP [3:0] (Channel Setup Register Pointer Bits)
0000
Setup 1 (All devices)
0001
Setup 2 (All devices)
0010
Setup 3 (All devices)
0011
Setup 4 (All devices)
0100
Setup 5 (CS5523/24/28 only)
0101
Setup 6 (CS5523/24/28 only)
0110
Setup 7 (CS5523/24/28 only)
0111
Setup 8 (CS5523/24/28 only)
1000
Setup 9 (CS5528 only)
1001
Setup 10 (CS5528 only)
1010
Setup 11 (CS5528 only)
1011
Setup 12 (CS5528 only)
1100
Setup 13 (CS5528 only)
1101
Setup 14 (CS5528 only)
1110
Setup 15 (CS5528 only)
1111
Setup 16 (CS5528 only)
CC [2:0] (Calibration Control Bits)
000
Reserved
001
Self-Offset Calibration
010
Self-Gain Calibration
011
Reserved
100
Reserved
101
System-Offset Calibration
110
System-Gain Calibration
111
Reserved
D7(MSB)
D6
D5D4D3D2D1
D0
1
CSRP3
CSRP2
CSRP1
CSRP0
CC2
CC1
CC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com