Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1094LU Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1094LU
Description  Multiphase Spread-Spectrum EconOscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1094LU Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1094LU Datasheet HTML 1Page - Dallas Semiconductor DS1094LU Datasheet HTML 2Page - Dallas Semiconductor DS1094LU Datasheet HTML 3Page - Dallas Semiconductor DS1094LU Datasheet HTML 4Page - Dallas Semiconductor DS1094LU Datasheet HTML 5Page - Dallas Semiconductor DS1094LU Datasheet HTML 6Page - Dallas Semiconductor DS1094LU Datasheet HTML 7Page - Dallas Semiconductor DS1094LU Datasheet HTML 8Page - Dallas Semiconductor DS1094LU Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Multiphase Spread-Spectrum EconOscillator
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, SDA, and SCL
Relative to Ground.............................................-0.5V to +6.0V
Operating Temperature Range ...........................-40°C to +85°C
EEPROM Programming Temperature Range .........0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
3.0
3.6
V
Input Logic 1 (SDA, SCL)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (SDA, SCL)
VIL
-0.3
+0.3 x
VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0 to 3.6V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Supply Current
ICC
CL = 15pF per output, SDA = SCL = VCC
1.4
3
mA
High-Level Output Voltage
(OUT1-4)
VOH
IOH = -4mA; VCC = min
2.4
V
Low-Level Output Voltage
(OUT1-4)
VOL
IOL = 3.5mA
0.4
V
3mA sink current
0.4
Low-Level Output Voltage (SDA)
VOL
6mA sink current
0.6
V
High-Level Input Current
(SDA, SCL)
IIH
VIH = VCC
+1.0
µA
Low-Level Input Current
(SDA, SCL)
IIL
VIL = 0.0V
-1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com