Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMCJ
Description  Transil?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCJ Datasheet(HTML) 5 Page - STMicroelectronics

  SMCJ Datasheet HTML 1Page - STMicroelectronics SMCJ Datasheet HTML 2Page - STMicroelectronics SMCJ Datasheet HTML 3Page - STMicroelectronics SMCJ Datasheet HTML 4Page - STMicroelectronics SMCJ Datasheet HTML 5Page - STMicroelectronics SMCJ Datasheet HTML 6Page - STMicroelectronics SMCJ Datasheet HTML 7Page - STMicroelectronics SMCJ Datasheet HTML 8Page - STMicroelectronics SMCJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMCJ
Characteristics
Doc ID 5617 Rev 8
5/10
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
0.01
0.10
1.00
10.00
1
10
100
1000
C(nF)
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
SMCJ5.0A
SMCJ12A
SMCJ24A
SMCJ40A
SMCJ85A
SMCJ188A
VR(V)
0.01
0.10
1.00
10.00
1
10
100
1000
C(nF)
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
SMCJ5.0CA
SMCJ12CA
SMCJ24CA
SMCJ40CA
SMCJ85CA
SMCJ188CA
VR(V)
Figure 8.
Peak forward voltage drop
versus peak forward current
(typical values)
Figure 9.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 10. Thermal resistance junction to
ambient versus copper surface
under each lead
Figure 11. Leakage current versus junction
temperature (typical values)
I
FM(A)
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j =25 °C
T
j =125 °C
VFM(V)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(j-a) /Rth(j-a)
tP(s)
Recommended pad layout
PCB FR4, copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
SCU(cm²)
PCB FR4, copper thickness = 35 µm
IR (nA)
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
25
50
75
100
125
150
V
R=VRM
V
RM ≥ 10 V
V
R=VRM
V
RM <10 V
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com