Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP75
Description  Trisil??for telecom equipment protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP75 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP75 Datasheet HTML 1Page - STMicroelectronics SMP75 Datasheet HTML 2Page - STMicroelectronics SMP75 Datasheet HTML 3Page - STMicroelectronics SMP75 Datasheet HTML 4Page - STMicroelectronics SMP75 Datasheet HTML 5Page - STMicroelectronics SMP75 Datasheet HTML 6Page - STMicroelectronics SMP75 Datasheet HTML 7Page - STMicroelectronics SMP75 Datasheet HTML 8Page - STMicroelectronics SMP75 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2010
Doc ID 5015 Rev 5
1/9
9
SMP75
Trisil™ for telecom equipment protection
Features
bidirectional crowbar protection
voltage: 8 V
low leakage current: IR = 2 µA max
holding current: IH = 150 mA min
repetitive peak pulse current:
IPP = 75 A (10/1000 µs)
Benefits
Trisils are not subject to ageing and provide a
fail safe mode in short circuit for a better
protection.
This device can be used to help equipment to
meet main standards such as UL1950,
IEC 950 / CSA C22.2 and UL1459.
Trisils have UL94 V0 approved resin.
SMB package is JEDEC registered
(DO-214AA).
Trisils comply with the following standards:
– GR-1089 Core
– ITU-T-K20/K21
– VDE0433
– VDE0878
– IEC 61000-4-5
– FCC part 68
Applications
Any sensitive equipment requiring protection
against lightning strikes and power crossing:
Ethernet,
T1/E1
TM: Trisil is a trademark of STMicroelectronics.
Figure 1.
Device configuration
Description
The SMP75 is a very low voltage transient surge
arrestor especially designed to protect sensitive
telecommunication equipment against lightning
strikes and other transients. Its low voltage makes
it suitable to protect low voltage transformer in
T1/E1 and Ethernet links without saturation of the
transformer.
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SMP75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP75-8 STMICROELECTRONICS-SMP75-8 Datasheet
89Kb / 8P
TRISIL TM FOR TELECOM EQUIPMENT PROTECTION
02-Jan-2006
More results

Similar Description - SMP75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com