Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F10A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMM4F10A
Description  Unidirectional type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F10A Datasheet(HTML) 4 Page - STMicroelectronics

  SMM4F10A Datasheet HTML 1Page - STMicroelectronics SMM4F10A Datasheet HTML 2Page - STMicroelectronics SMM4F10A Datasheet HTML 3Page - STMicroelectronics SMM4F10A Datasheet HTML 4Page - STMicroelectronics SMM4F10A Datasheet HTML 5Page - STMicroelectronics SMM4F10A Datasheet HTML 6Page - STMicroelectronics SMM4F10A Datasheet HTML 7Page - STMicroelectronics SMM4F10A Datasheet HTML 8Page - STMicroelectronics SMM4F10A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SMM4FxxA
4/12
DocID14250 Rev 4
1.1
Characteristics (curves)
Figure 3: Peak power dissipation versus initial
junction temperature
Figure 4: Peak pulse power versus exponential
pulse duration (Tj initial = 25 °C)
Figure 5: Clamping voltage versus peak pulse
current (exponential waveform, maximum values)
Figure 6: Junction capacitance versus reverse
applied voltage
Figure 7: Peak forward voltage drop versus peak
forward current
Figure 8: Relative variation of thermal impedance
junction to ambient versus pulse duration (printed
circuit board FR4, SCu = 1 cm2)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
200
T
(°C)
j initial
PPP[Tj initial] / PPP[Tj initial = 25 °C]
0.1
1.0
10.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
T
j initial = 25 °C
t (ms)
p
P
(kW)
PP
0.1
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
IPP (A)
VCL (V)
Tj initial = 25 °C
tp = 8/20 µs
tp = 10/1000 µs
SMM4F5.0A
SMM4F15A
SMM4F24A
SMM4F33A
10
100
1000
10000
1
10
100
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
SMM4F5.0A
SMM4F15A
SMM4F24A
SMM4F33A
C(pF)
V (V)
R
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j = 25 °C
T
j = 125 °C
I
(A)
FM
V
(V)
FM
0.00
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
On recommended pad
layout
Zth(j-a) /Rth(j-a)
t (S)
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com