Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520E Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST3DV520E
Description  MUX/DEMUX for 4 differential channel LVDS and DDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST3DV520E Datasheet HTML 11Page - STMicroelectronics ST3DV520E Datasheet HTML 12Page - STMicroelectronics ST3DV520E Datasheet HTML 13Page - STMicroelectronics ST3DV520E Datasheet HTML 14Page - STMicroelectronics ST3DV520E Datasheet HTML 15Page - STMicroelectronics ST3DV520E Datasheet HTML 16Page - STMicroelectronics ST3DV520E Datasheet HTML 17Page - STMicroelectronics ST3DV520E Datasheet HTML 18Page - STMicroelectronics ST3DV520E Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ST3DV520E
Package mechanical data
Doc ID 18318 Rev 1
15/19
Figure 12.
Footprint recommendation for QFN56 (11 x 5 mm) pitch 0.5 mm
Table 13.
Mechanical data for QFN56 (11 x 5 mm) pitch 0.5 mm
Symbol
Millimeters
Min
Typ
Max
A
0.700.750.80
A1
–
–
0.05
A3
–0.20–
b
0.200.250.30
D
10.90
11.00
11.10
D2
8.30
8.40
8.50
D3
–9.50–
E
4.905.005.10
E2
2.30
2.40
2.50
E3
–3.50–
e
–
0.50
–
L
0.300.400.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com