Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F15A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMM4F15A
Description  Unidirectional type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F15A Datasheet(HTML) 1 Page - STMicroelectronics

  SMM4F15A Datasheet HTML 1Page - STMicroelectronics SMM4F15A Datasheet HTML 2Page - STMicroelectronics SMM4F15A Datasheet HTML 3Page - STMicroelectronics SMM4F15A Datasheet HTML 4Page - STMicroelectronics SMM4F15A Datasheet HTML 5Page - STMicroelectronics SMM4F15A Datasheet HTML 6Page - STMicroelectronics SMM4F15A Datasheet HTML 7Page - STMicroelectronics SMM4F15A Datasheet HTML 8Page - STMicroelectronics SMM4F15A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2017
DocID14250 Rev 4
1/12
This is information on a product in full production.
www.st.com
SMM4FxxA
400 W TransilTM
Datasheet - production data
Features
Typical peak pulse power:
400 W
(10/1000 μs)
2.4 kW (8/20 μs)
Stand-off voltage range: from 5 V to 33 V
Unidirectional type
Low leakage current:
0.2 μA at 25 °C
1 μA at 85 °C
Operating Tj max: 175 °C
JEDEC registered package outline
RoHS package
Halogen free molding compound
Complies with the following standards
IEC 61000-4-2 level 4:
15 kV (air discharge)
8 kV (contact discharge)
MIL STD 883G-Method 3015-7: class3
25 kV (human body model)
Description
The SMM4F Transil serie has been designed to
protect sensitive equipment against electro-static
discharges according to IEC 61000-4-2, MIL STD
883 Method 3015, and electrical over stress such
as IEC 61000-4-4 and 5. They are generally for
surges below 400 W 10/1000 μs.
This planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature
are required to provide reliability and stability
over time. Their low clamping voltages provide a
better safety margin to protect sensitive circuits
with extended life time expectancy.
Packaged in STmite Flat, this minimizes PCB
space consumption (footprint in accordance with
IPC 7531 standard). Transil is a trademark of
STMicroelectronics.
K
A
STmite Flat
(DO216-AA Flat)


Similar Part No. - SMM4F15A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F15A STMICROELECTRONICS-SMM4F15A Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
logo
Shanghai Shunye Electro...
SMM4F15A SHUNYE-SMM4F15A Datasheet
285Kb / 5P
Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
More results

Similar Description - SMM4F15A

ManufacturerPart #DatasheetDescription
logo
GE Solid State
SGT03U13 GESS-SGT03U13 Datasheet
81Kb / 3P
Unidirectional Transient
logo
Microsemi Corporation
SLVU2.8K MICROSEMI-SLVU2.8K Datasheet
235Kb / 3P
UNIDIRECTIONAL TVSarray
logo
Shanghai Semitech Semic...
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
Unidirectional Configurations
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
Unidirectional Configurations
PSR05 SEMITECH-PSR05 Datasheet
214Kb / 3P
Unidirectional Configuration
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
Unidirectional Configurations
logo
STMicroelectronics
ESDA18-1F4 STMICROELECTRONICS-ESDA18-1F4 Datasheet
284Kb / 8P
Unidirectional device
24-Oct-2012
logo
ON Semiconductor
NSPM5131 ONSEMI-NSPM5131 Datasheet
69Kb / 4P
Unidirectional ESD
November, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com