Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034T Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST8034T
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034T Datasheet(HTML) 1 Page - STMicroelectronics

  ST8034T Datasheet HTML 1Page - STMicroelectronics ST8034T Datasheet HTML 2Page - STMicroelectronics ST8034T Datasheet HTML 3Page - STMicroelectronics ST8034T Datasheet HTML 4Page - STMicroelectronics ST8034T Datasheet HTML 5Page - STMicroelectronics ST8034T Datasheet HTML 6Page - STMicroelectronics ST8034T Datasheet HTML 7Page - STMicroelectronics ST8034T Datasheet HTML 8Page - STMicroelectronics ST8034T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
This is information on a product in full production.
October 2013
DocID024587 Rev 4
1/40
1
ST8034T, ST8034AT, ST8034P,
ST8034C
16-pin smartcard interfaces
Datasheet
- production data
Features
 Complete smartcard interface
 ISO 7816 and EMV™ 4.3 payment systems
compatible
 One protected half-duplex bidirectional
buffered I/O line to the smartcard
 5 V or 3 V (or 1.8 V in case of ST8034P)
selectable smartcard supply voltage (VCC).
Ensures controlled VCC rise and fall times and
provides smart overload detection with glitch
immunity.
 Optional chip select function allows the device
interface to be isolated from the host
microcontroller signals - allows parallel
combination of the card interface devices
(ST8034C)
 Card clock generation by integrated crystal
oscillator or from external clock source
 Card clock frequency up to 20 MHz,
programmable by CLKDIV pin, with
synchronous frequency changes
 Optional VCC_SEL input for pin-controlled
selection of VCC; 5 V or 3 V or 1.8 V (ST8034P)
 Automatic card activation and deactivation
sequences initiated by the microcontroller
 Emergency deactivation sequences initiated
by a card supply short-circuit, card take-off,
falling VDD, VDDP, or VDD(INTF) or by the
interface device overheating
 Voltage supply supervisors
– With a fixed threshold (VDD, VDDP, and
VDD(INTF))
– Optionally with an external resistor divider
to set the VDD(INTF) threshold (PORADJ
pin; ST8034P and ST8034C)
 Multipurpose card status signal OFF
 Non-inverted card reset pin RST driven by the
RSTIN input
 Thermal and short-circuit protection of all card
contacts
 Card presence detection contacts debounced
 Enhanced card side ESD protection of 8 kV
 Common SO16 3.9 x 9.9 mm body or a space-
saving QFN16 3 x 3 mm package
 Temperature range -25 to +85 °C
Applications
Smartcard readers for
 Set-top boxes
 Pay-TV
 Identification
 Banking
 Tachographs
QFN16 3 x 3 mm
SO16 3.9 x 9.9 mm
www.st.com


Similar Part No. - ST8034T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8034HC STMICROELECTRONICS-ST8034HC Datasheet
967Kb / 31P
24-pin smartcard interfaces
22-Oct-2013
ST8034HN STMICROELECTRONICS-ST8034HN Datasheet
967Kb / 31P
24-pin smartcard interfaces
22-Oct-2013
More results

Similar Description - ST8034T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
Smartcard MCU With 16 KBytes EEPROM
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
FCI connector
7434L0825S01 FCI-CONNECTOR-7434L0825S01 Datasheet
94Kb / 1P
SMARTCARD ASSEMBLY
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
AN3275 STMICROELECTRONICS-AN3275 Datasheet
1Mb / 32P
Improving the performance of smartcard interfaces
04-Oct-2010
UM1582 STMICROELECTRONICS-UM1582 Datasheet
644Kb / 9P
24-pin smartcard interface ST8034HN demonstration board
24-Apr-2013
UM1607 STMICROELECTRONICS-UM1607 Datasheet
880Kb / 9P
24-pin smartcard interface ST8034HC demonstration board
02-May-2013
UM1613 STMICROELECTRONICS-UM1613 Datasheet
804Kb / 9P
16-pin smartcard interface ST8034P demonstration board
27-Aug-2013
UM1615 STMICROELECTRONICS-UM1615 Datasheet
651Kb / 8P
16-pin smartcard interface ST8034C demonstration board
14-Nov-2013
ST8034HN STMICROELECTRONICS-ST8034HN Datasheet
967Kb / 31P
24-pin smartcard interfaces
22-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com