Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F20A Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMM4F20A
Description  Unidirectional type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F20A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMM4F20A Datasheet HTML 4Page - STMicroelectronics SMM4F20A Datasheet HTML 5Page - STMicroelectronics SMM4F20A Datasheet HTML 6Page - STMicroelectronics SMM4F20A Datasheet HTML 7Page - STMicroelectronics SMM4F20A Datasheet HTML 8Page - STMicroelectronics SMM4F20A Datasheet HTML 9Page - STMicroelectronics SMM4F20A Datasheet HTML 10Page - STMicroelectronics SMM4F20A Datasheet HTML 11Page - STMicroelectronics SMM4F20A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering information
SMM4FxxA
10/12
DocID14250 Rev 4
3
Ordering information
Figure 19: Ordering information scheme
Table 6: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SMM4FxxA-TR
See Table 6.
STmite Flat
16 mg
12000
Tape and reel
Table 7: Marking
Type
Marking
SMM4F5.0A-TR
4UA
SMM4F6.0A-TR
4UB
SMM4F6.5A-TR
4UC
SMM4F8.5A-TR
4UD
SMM4F10A-TR
4UE
SMM4F12A-TR
4UF
SMM4F13A-TR
4UG
SMM4F15A-TR
4UH
SMM4F18A-TR
4UJ
SMM4F20A-TR
4UK
SMM4F24A-TR
4UM
SMM4F26A-TR
4UN
SMM4F28A-TR
4UO
SMM4F33A-TR
4UQ
SM
M 4F
xx
A
-
TR
Surface Mount
Package
Sur ge rating
M = STmite package
4F = 400 W in flat package
Stand off voltage
12 = 12 V
Type
A = Unidirectional
Packaging
TR = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com