Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVSX Datasheet(PDF) 4 Page - STMicroelectronics

Part # STRVSX
Description  ST repetitive voltage suppressor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVSX Datasheet(HTML) 4 Page - STMicroelectronics

  STRVSX Datasheet HTML 1Page - STMicroelectronics STRVSX Datasheet HTML 2Page - STMicroelectronics STRVSX Datasheet HTML 3Page - STMicroelectronics STRVSX Datasheet HTML 4Page - STMicroelectronics STRVSX Datasheet HTML 5Page - STMicroelectronics STRVSX Datasheet HTML 6Page - STMicroelectronics STRVSX Datasheet HTML 7Page - STMicroelectronics STRVSX Datasheet HTML 8Page - STMicroelectronics STRVSX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
STRVSX
4/14
DocID023950 Rev 4
Figure 4. Clamping voltage versus peak pulse
current - STRVS182X02F (typical values)
Figure 5. Clamping voltage versus peak pulse
current - STRVS185X02B/E (typical values)
0
2
4
6
8
10
150
155
160
165
170
175
180
185
190
195
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
0
2
4
6
8
10
150
160
170
180
190
200
210
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
Figure 6. Clamping voltage versus peak pulse
current - STRVS222X02F (typical values)
Figure 7. Clamping voltage versus peak pulse
current - STRVS225X02E (typical values)
0
2
4
6
8
10
180
190
200
210
220
230
240
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
0
2
4
6
8
10
180
190
200
210
220
230
240
250
260
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
Figure 8. Clamping voltage versus peak pulse
current - STRVS241X02E (typical values)
Figure 9. Clamping voltage versus peak pulse
current - STRVS248X02C (typical values)
0
2
4
6
8
10
200
210
220
230
240
250
260
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
0
2
4
6
8
10
200
210
220
230
240
250
260
270
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com