Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26401N Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS26401N
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401N Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS26401N Datasheet HTML 17Page - Dallas Semiconductor DS26401N Datasheet HTML 18Page - Dallas Semiconductor DS26401N Datasheet HTML 19Page - Dallas Semiconductor DS26401N Datasheet HTML 20Page - Dallas Semiconductor DS26401N Datasheet HTML 21Page - Dallas Semiconductor DS26401N Datasheet HTML 22Page - Dallas Semiconductor DS26401N Datasheet HTML 23Page - Dallas Semiconductor DS26401N Datasheet HTML 24Page - Dallas Semiconductor DS26401N Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
21
Signal Name:
BTS
Signal Description:
Bus Type Select
Signal Type:
Input
Set high to select Motorola bus timing, low to select Intel bus timing. This pin controls the function of the RD (DS),
and WR (R/W) pins. If BTS = 1, these pins assume the function listed in parentheses ().
5.4 System Interface
Signal Name:
REF_CLK
Signal Description:
Reference Clock
Signal Type:
Input
A continuous T1 (1.544MHz) or E1 (2.048MHz) clock used to create GCLK_OUT and BPCLK.
Signal Name:
GCLK_OUT
Signal Description:
Global Clock Output
Signal Type:
Output
This output clock is generated from the REF_CLK input and is a 45MHz clock. This pin is usually connected to
GCLK_IN.
Signal Name:
GCLK_IN
Signal Description:
Global Clock Input
Signal Type:
Input
Primary clock for internal state machines. Can be connected to GCLK_OUT, or provided by the user. The GCLK_IN
frequency must be between 43MHz and 49MHz for proper operation.
Signal Name:
BPCLK
Signal Description:
Backplane Clock
Signal Type:
Output
Programmable clock output created from REFCLK. Can be set to 2.048MHz, 4.096MHz, 8.192MHz, or 16.384MHz.
Signal Name:
RESET
Signal Description:
System Reset
Signal Type:
Input
Active-low reset. Forcing this input low sets all internal registers to their default value.
Signal Name:
HIZE
Signal Description:
High-Z Enable
Signal Type:
Input
Active high. Forcing this input high when the RESET and JTRST pins are low will hold all outputs in high-impedance
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com