Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS93xA Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS93xA
Description  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93xA Datasheet(HTML) 5 Page - STMicroelectronics

  TS93xA Datasheet HTML 1Page - STMicroelectronics TS93xA Datasheet HTML 2Page - STMicroelectronics TS93xA Datasheet HTML 3Page - STMicroelectronics TS93xA Datasheet HTML 4Page - STMicroelectronics TS93xA Datasheet HTML 5Page - STMicroelectronics TS93xA Datasheet HTML 6Page - STMicroelectronics TS93xA Datasheet HTML 7Page - STMicroelectronics TS93xA Datasheet HTML 8Page - STMicroelectronics TS93xA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TS93x, TS93xA, TS93xB
Electrical characteristics
Doc ID 6911 Rev 5
5/17
GBP
Gain bandwidth product
RL = 100 KΩ, CL = 50 pF
100
kHz
SR
Slew rate
RL = 100 KΩ, CL = 50 pF
50
V/ms
φm
Phase margin
CL = 50 pF
65
Degrees
en
Input voltage noise
76
nV/
√Hz
1.
Maximum values including unavoidable inaccuracies of the industrial test.
2.
VCC has a 0.2 V variation.
Table 5.
Electrical characteristics at VCC+ = +5 V, VCC- = 0 V, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com