Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS93xB Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS93xB
Description  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93xB Datasheet(HTML) 3 Page - STMicroelectronics

  TS93xB Datasheet HTML 1Page - STMicroelectronics TS93xB Datasheet HTML 2Page - STMicroelectronics TS93xB Datasheet HTML 3Page - STMicroelectronics TS93xB Datasheet HTML 4Page - STMicroelectronics TS93xB Datasheet HTML 5Page - STMicroelectronics TS93xB Datasheet HTML 6Page - STMicroelectronics TS93xB Datasheet HTML 7Page - STMicroelectronics TS93xB Datasheet HTML 8Page - STMicroelectronics TS93xB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TS93x, TS93xA, TS93xB
Electrical characteristics
Doc ID 6911 Rev 5
3/17
2
Electrical characteristics
Table 4 and Table 5 give the electrical characteristics at each VCC value.
Table 4.
Electrical characteristics at VCC+ = +3 V, VCC- = 0 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
TS931/2/4
TS931/2/4A
TS931/2/4B
10
5
2
mV
Tmin < Top < Tmax
TS931/2/4
TS931/2/4A
TS931/2/4B
15
10
6
ΔVio
Input offset voltage drift
3
μV/°C
Iio
Input offset current(1)
Tmin < Top < Tmax
1100
200
pA
Iib
Input bias current(1)
Tmin < Top < Tmax
1150
300
pA
CMR
Common mode rejection ratio, 0
≤ Vicm ≤ VCC+ -1.7
Tmin < Top < Tmax
55
55
85
85
dB
SVR
Supply voltage rejection ratio(2)
Tmin < Top < Tmax
55
55
85
85
dB
Avd
Large signal voltage gain
VO = 2 Vpp, RL = 1 MΩ
RL = 100 kΩ
120
106
dB
VOH
High level output voltage, VID = 100 mV, RL = 100 kΩ
Tmin < Top < Tmax
2.95
2.95
2.99
V
VOL
Low level output voltage, VID = -100 mV, RL = 100 kΩ
Tmin < Top < Tmax
10
50
50
mV
Io
Output source current
VID = 100 mV, VO = VCC-
Output sink current
VID = -100 mV, VO = VCC+
1.5
1.5
mA
ICC
Supply current (per amplifier), AVCL = 1, no load
Tmin < Top < Tmax
20
31
33
μA
GBP
Gain bandwidth product
RL = 100 kΩ, CL = 50 pF
100
kHz
SR
Slew rate
RL = 100 kΩ, CL = 50 pF
50
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com