Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2126CS Datasheet HTML 1Page - Intersil Corporation EL2126CS Datasheet HTML 2Page - Intersil Corporation EL2126CS Datasheet HTML 3Page - Intersil Corporation EL2126CS Datasheet HTML 4Page - Intersil Corporation EL2126CS Datasheet HTML 5Page - Intersil Corporation EL2126CS Datasheet HTML 6Page - Intersil Corporation EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7046.2
EL2126
Ultra-Low Noise, Low Power, Wideband
Amplifier
The EL2126 is an ultra-low noise, wideband amplifier that
runs on half the supply current of competitive parts. It is
intended for use in systems such as ultrasound imaging
where a very small signal needs to be amplified by a large
amount without adding significant noise. Its low power
dissipation enables it to be packaged in the tiny SOT-23
package, which further helps systems where many input
channels create both space and power dissipation problems.
The EL2126 is stable for gains of 10 and greater and uses
traditional voltage feedback. This allows the use of reactive
elements in the feedback loop, a common requirement for
many filter topologies. It operates from ±2.5V to ±15V
supplies and is available in the 5-pin SOT-23 and 8-pin SO
packages.
The EL2126 is fabricated in Elantec’s proprietary
complementary bipolar process, and is specified for
operation over the full -40°C to +85°C temperature range.
Pinouts
EL2126
(5-PIN SOT-23)
TOP VIEW
EL2126
(8-PIN SO)
TOP VIEW
Features
• Voltage noise of only 1.3nV/
√Hz
• Current noise of only 1.2pA/
√Hz
• 200µV offset voltage
• 100MHz -3dB BW for AV = 10
• Very low supply current - 4.7mA
• SOT-23 package
• ±2.5V to ±15V operation
•
Pb-Free available (RoHS compliant)
Applications
• Ultrasound input amplifiers
• Wideband instrumentation
• Communication equipment
• AGC & PLL active filters
• Wideband sensors
1
2
3
5
4
-
+
VS+
IN-
IN+
VS-
OUT
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
NC
VS+
OUT
NC
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL2126CW-T7
5-Pin SOT-23
7” (3K pcs)
MDP0038
EL2126CW-T7A
5-Pin SOT-23
7” (250 pcs)
MDP0038
EL2126CS
8-Pin SO
-
MDP0027
EL2126CS-T7
8-Pin SO
7”
MDP0027
EL2126CS-T13
8-Pin SO
13”
MDP0027
EL2126CSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL2126CSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL2126CSZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
May 9, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL2126CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2126CS ELANTEC-EL2126CS Datasheet
280Kb / 11P
Ultra-low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2126CS INTERSIL-EL2126CS Datasheet
339Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
EL2126CS INTERSIL-EL2126CS Datasheet
345Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
May 2, 2007
logo
Renesas Technology Corp
EL2126CS RENESAS-EL2126CS Datasheet
861Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2126CS-T13 INTERSIL-EL2126CS-T13 Datasheet
339Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
More results

Similar Description - EL2126CS

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2125C ELANTEC-EL2125C Datasheet
283Kb / 10P
Ultra-low Noise, Low Power, Wideband Amplifier
EL2126C ELANTEC-EL2126C Datasheet
280Kb / 11P
Ultra-low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2125 INTERSIL-EL2125 Datasheet
401Kb / 15P
Ultra-Low Noise, Low Power, Wideband Amplifier
April 21, 2005
EL2126 INTERSIL-EL2126_07 Datasheet
339Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
EL2126_0705 INTERSIL-EL2126_0705 Datasheet
345Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
May 2, 2007
EL2125 INTERSIL-EL2125_07 Datasheet
401Kb / 16P
Ultra-Low Noise, Low Power, Wideband Amplifier
May 4, 2007
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
EL2125 RENESAS-EL2125 Datasheet
852Kb / 16P
Ultra-Low Noise, Low Power, Wideband Amplifier
EL2126 RENESAS-EL2126 Datasheet
861Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com