Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2126CSZ Datasheet HTML 7Page - Intersil Corporation EL2126CSZ Datasheet HTML 8Page - Intersil Corporation EL2126CSZ Datasheet HTML 9Page - Intersil Corporation EL2126CSZ Datasheet HTML 10Page - Intersil Corporation EL2126CSZ Datasheet HTML 11Page - Intersil Corporation EL2126CSZ Datasheet HTML 12Page - Intersil Corporation EL2126CSZ Datasheet HTML 13Page - Intersil Corporation EL2126CSZ Datasheet HTML 14Page - Intersil Corporation EL2126CSZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
Typical Performance Curves (Continued)
155
150
140
135
3.52
3.5
3.46
3.44
Slew Rate vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VO=2VPP
VS=±15V
Positive Loaded Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±5V
11.8
11.6
11.2
10.8
10.6
Positive Loaded Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±15V
145
3.48
11.4
11
-3.35
-3.4
-3.45
-3.6
-3.5
3.55
-9.4
-9.8
-10.2
-10.6
Negative Loaded Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±5V
Negative Loaded Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±15V
-9.6
-10
-10.4
1.2
0.6
0
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
0
Ambient Temperature (°C)
25
125
150
75
1
0.4
0.8
0.2
100
50
85
488mW
781mW
θ
JA =1
60°
C/W
SO
8
θ
JA=256
°C/W
SOT2
3-5
1.8
0.8
0
1.6
0.4
1.2
0.2
0.6
1.4
1
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity
Test Board
0
Ambient Temperature (°C)
25
125
150
75
100
50
85
543mW
θ
JA =1
10°
C/W
SO
8
1.136W
θ
JA=230°C
/W
SOT23
-5
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com