Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC610 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC610
Description  8x8 pixel 3D TOF imager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC610 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC610 Datasheet HTML 9Page - Espros Photonics corp EPC610 Datasheet HTML 10Page - Espros Photonics corp EPC610 Datasheet HTML 11Page - Espros Photonics corp EPC610 Datasheet HTML 12Page - Espros Photonics corp EPC610 Datasheet HTML 13Page - Espros Photonics corp EPC610 Datasheet HTML 14Page - Espros Photonics corp EPC610 Datasheet HTML 15Page - Espros Photonics corp EPC610 Datasheet HTML 16Page - Espros Photonics corp EPC610 Datasheet HTML 17Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Quality indicator:
Weak illumination:
e.g.
AAC <
50 LSB
Status & reason:
The signal has a reduced accuracy, because it is above, but close to the noise level.
Action:
Increase integration time for the next measurement
Quality indicator:
Sufficient illumination:
e.g.
50 LSB < AAC < 100 LSB
Status & reason:
The signal quality and the accuracy is sufficient and not close to any limits. Noise level may be increased.
Action:
No action necessary. See note below
Quality indicator:
Excellent illumination:
e.g. 100 LSB < AAC < 1'000 LSB
Status & reason:
The signal quality and the accuracy is excellent and not close to any limits.
Action:
No action necessary. See note below
Quality indicator:
Too bright illumination:
e.g. 1'000 LSB < AAC
Status & reason:
The signal is close to or above the limit of too much light (maximum signal limit).
Action:
Decrease integration time for the next measurement. See note below
Note:
Generally, the higher the received signal, the better and more precise the distance measurement will be. However, it is good practice to
control the integration time such that an amplitude value between 100 ... 200 LSB is achieved. Higher values will only slow down the acqui-
sition rate due to longer integration times, but are not significantly improving signal to noise ratio.
The quality indicator for the ambient-light measurement is the ambient-light amplitude ADC.
The rules to apply are the same as for the modulated light amplitude.
The quality indicator for the distance noise is the ratio AMR of ambient-light to the modulated light. This value may be calculated and used
additionally to the above amplitude value if the respective application is subject to intense ambient light.
Quality indicator:
Ratio AMR of ambient-light to modulated light
AMR
[dB] = 20⋅log
(EDC
E
AC
)
e.g.
AMR
[dB] = 20⋅log
(792μW/cm2
16
μ W/cm
2
) = 34dB
Refer for EDC to chapter 1.3.6. Ambient-light measurement (optical power-meter) and for EAC to chapter 1.3.3. Sensitiv-
ity, integration time and operating range.
Status & reason:
This ratio is one of the influencing factors regarding the distance noise (refer to Table 2, section Distance noise)
Action:
< 60 dB: excellent
No action necessary.
< 70 dB: sufficient
Is a lower noise level needed, do the next measurement with a longer integration
time or an increased illumination power.
> 70 dB: weak
Do the next measurement with a longer integration time or an increased illumination
power.
There are also validity indicators delivered by the chip after a measurement. These will help to detect saturated pixels as a result of too
much illumination or too long integration time.
Validity indicator:
Status “Saturation” of a pixel is set for one ore more of the DCSx values.
Refer to chapter 3.5.5.: Command: READ Saturated pixels
Status:
The pixel receives too much light.
Reason:
Fault conditions:
- Too much modulated light-signal or too reflective object.
- Too much ambient-light.
Action:
Dump data and repeat the measurement with a decreased integration time or measure the ambient-light.
Validity indicator:
Maximum signal limit: one or more of the DCSx values per pixel
≥ 1'000 LSB
Status:
Suggests there is an object, but it is out of the usable operating range.
Reason:
Fault conditions:
- The object is too reflective.
- It is too close to the sensor.
- There is too bright illumination or too much modulation signal is emitted.
Action:
Dump data and repeat the measurement with a decreased integration time.
Validity indicator:
Noise level limit: All DCSx values per pixel
≤ 50 LSB
Status:
There is a lack of signal or no usable receiver signal.
The received signal is in the noise level. The accuracy of the distance calculation is out of tolerance.
Reason:
Regular operation: - Absence of an object in the operating range.
Fault conditions:
- The object has too little remission (reflectivity).
- It is too far away.
- The illumination is too dim. Too little modulation signal is emitted.
Action:
Dump data and repeat the measurement with an increased integration time.
Table 7 shows a quality decision matrix as a summary of the validity and quality parameters for the distance measurement.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
13 / 34
Datasheet epc610 - V1.7
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com