Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6209 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6209
Description  DUAL PLL VCXO CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6209 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6209 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
XT
February 1999
This document contains information on a preproduction product. Specifications and information herein are subject to change without notice.
2.4.99
)6
'XDO3// 9&;2&ORFN *HQHUDWRU,&
3UHOLPLQDU\ ,QIRUPDWLRQ
,62
1.0
Features
•
Dual phase-locked loop (PLL) device two output
clock frequencies
•
On-chip tunable voltage-controlled crystal oscillator
(VCXO) allows precise system frequency tuning
•
3.3V supply voltage
•
Small circuit board footprint (8-pin 0.150
″ SOIC)
•
Custom frequency selections available - contact your
local AMI Sales Representative for more information
Figure 1: Pin Configuration
1
8
2
3
4
7
6
5
XIN
VDD
XTUNE
VSS
VSS
CLKB
CLKA
XOUT
8-pin (0.150
″) SOIC
2.0
Description
The FS6209 is a monolithic CMOS clock generator IC
designed to minimize cost and component count in digital
video/audio systems.
At the core of the FS6209 is circuitry that implements a
voltage-controlled crystal oscillator when an external
resonator (nominally 13.5MHz) is attached. The VCXO
allows device frequencies to be precisely adjusted for use
in systems that have frequency matching requirements,
such as digital satellite receivers.
Two high-resolution phase-locked loops generate two
output clocks (CLKA and CLKB) through an array of post-
dividers. All frequencies are ratiometrically derived from
the VCXO frequency. The locking of all the output fre-
quencies together can eliminate unpredictable artifacts in
video systems and reduce electromagnetic interference
(EMI) due to frequency harmonic stacking.
Table 1: Crystal / Output Frequencies
DEVICE
fXIN (MHz)
CLKA (MHz)
CLKB (MHz)
FS6209-01
13.5
54
22.5792
(+1.12ppm)
NOTE: Contact AMI for custom PLL frequencies
Figure 2: Block Diagram
VCXO
FS6209
PLL
XOUT
XIN
CLKB
CLKA
XTUNE
DIVIDER
ARRAY
PLL


Similar Part No. - FS6209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6232-01 ETC-FS6232-01 Datasheet
194Kb / 14P
TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
FS6282-03 ETC1-FS6282-03 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
More results

Similar Description - FS6209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
VCXO CLOCK GENERATOR IC
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com