Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

802 Datasheet(PDF) 2 Page - Alpha Wire

Part # 802
Description  M8 Plastic Passive I/O Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

802 Datasheet(HTML) 2 Page - Alpha Wire

  802 Datasheet HTML 1Page - Alpha Wire 802 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: 802 Series
M8 Plastic Passive I/O Box
Operating Temperature
Range
-25C (-13F)/ +70C (+158F)
RoHS
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Accessories Included
2 Dust Covers for unused
sockets
5 attachable labels
Ordering Information
Description
Quantity
802-5M NC032
5 Meters
Each
802-10M NC032
10 Meters
Each
802-CN NC032
Connectorized
Each
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time
of this publication, information and specifications described herein are subject to error or omission
and to change without notice, and the listing of such information and specifications does not
ensure product availability. Alpha provides the information and specification herein on an “AS IS”
basis, with no representations or warranties, whether express, statutory or implied. In no event
will Alpha be liable any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such
damages, whether in an action under contact, negligence or any other theory, arising out of or in
connection with the use, or inability to use, the information or specification described herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com