Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804 Datasheet(PDF) 2 Page - Alpha Wire

Part # 804
Description  M8 Plastic Passive I/O Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

804 Datasheet(HTML) 2 Page - Alpha Wire

  804 Datasheet HTML 1Page - Alpha Wire 804 Datasheet HTML 2Page - Alpha Wire 804 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: 804 Series
M8 Plastic Passive I/O Box
Outer Jacket Material
Zero Halogen PUR
Outer Diameter
.248”
Color
Black
Suitable for C-Track
Yes
Environmental
Degree of Protection
IP 67/ NEMA 6P
Operating Temperature
Range
-25C (-13F)/ +70C (+158F)
RoHS
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Accessories Included
2 Dust Covers for unused
sockets
10 attachable labels
Ordering Information
Description
Quantity
803-5M NC032
5 Meters
Each
803-10M NC032
10 Meters
Each
803-CN NC032
Connectorized
Each



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com