Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6201P192PR Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6201P192PR
Description  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P192PR Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6201P192PR Datasheet HTML 14Page - Torex Semiconductor XC6201P192PR Datasheet HTML 15Page - Torex Semiconductor XC6201P192PR Datasheet HTML 16Page - Torex Semiconductor XC6201P192PR Datasheet HTML 17Page - Torex Semiconductor XC6201P192PR Datasheet HTML 18Page - Torex Semiconductor XC6201P192PR Datasheet HTML 19Page - Torex Semiconductor XC6201P192PR Datasheet HTML 20Page - Torex Semiconductor XC6201P192PR Datasheet HTML 21Page - Torex Semiconductor XC6201P192PR Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
XC6201
Series
205
3
(8) LOAD TRANSIENT RESPONSE
XC6201P272
2.1
2.3
2.5
2.7
2.9
3.1
Time (2msec/div)
0
40
80
120
160
200
Output Voltage
Output Current
VIN=3.7V
CIN=CL=1.0
µF(tantalum)
2.7
2.9
3.1
3.3
3.5
3.7
0
40
80
120
160
200
XC6201P332
Time (2msec/div)
Output Voltage
Output Current
VIN=4.3V
CIN=CL=1.0
µF(tantalum)
4.4
4.6
4.8
5.0
5.2
5.4
0
40
80
120
160
200
XC6201P502
Time (2msec/div)
Output Voltage
Output Current
VIN=6.0V
CIN=CL=1.0
µF(tantalum)
0.7
0.9
1.1
1.3
1.5
1.7
0
40
80
120
160
200
Output Voltage
Output Current
XC6201P132
Time(2msec/div)
VIN=2.3V
CIN=1.0
µF, CL=2.2µF(tantalum)
1.2
1.4
1.6
1.8
2.0
2.2
0
40
80
120
160
200
Output Voltage
Output Current
XC6201P182
Time(2msec/div)
VIN=2.8V
CIN=1.0
µF, CL=2.2µF(tantalum)
03S_01XC6201 02.9.12 2:35 PM ページ 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com