Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

918 Datasheet(PDF) 2 Page - Alpha Wire

Part # 918
Description  M12?륚 Plastic Passive I/O Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

918 Datasheet(HTML) 2 Page - Alpha Wire

  918 Datasheet HTML 1Page - Alpha Wire 918 Datasheet HTML 2Page - Alpha Wire 918 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification 
PART NO: 918 Series 
M12‐A Plastic Passive I/O Box
Color 
Black 
Suitable for C‐Track 
Yes 
Environmental 
 
Degree of Protection 
IP 67/ NEMA 6P 
Operating Temperature 
Range 
‐15C (+5F)/ +80C (+176F) 
RoHS 
All materials used in the manufacture of 
this part meet the requirements of 
European Directive 2011/65/EU regarding 
the restriction of use of certain hazardous 
substances in electrical and electronic 
equipment. Exemption used; 6a. 
REACH Regulation (EC 
1907/2006) 
This product does not contain Substances 
of Very High Concern (SVHC) listed on the 
European Union’s REACH candidate list in 
excess of 0.1% mass of the item. 
Accessories Included  
2 Dust Covers for unused 
sockets 
 
10 attachable labels  
Ordering Information 
Description 
Quantity 
918‐5M NC032 
5 Meters 
Each 
918‐10M NC032 
10 Meters 
Each 
918‐CN NC032 
Connectorized 
Each 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com