Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACF Datasheet(PDF) 1 Page - Alpha Wire

Part # ACF
Description  M12-A Female Front Mount PG9 Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

ACF Datasheet(HTML) 1 Page - Alpha Wire

  ACF Datasheet HTML 1Page - Alpha Wire ACF Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: ACF Series
M12-A Female Front Mount PG9 Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
M12, Female
Applicable Specification
IEC 61076-2-101
Receptacle Threads
Internal
Housing
Nickel Plated Brass, Leads Epoxy Potted
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Front
Panel Nut
Nickel Plated Brass
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Rated Voltage
4 Pole 250 V (IEC) 300V (UL)
5 Pole 60 V (IEC) 30V (UL)
UL File
E485156
Lead Wires
AWG
22 AWG (7/30) Tinned Copper
Insulation
PVC
Outside Diameter
0.062” Nominal
Lead Length
0.5 Meters (19.7”)
UL Style
AWM 1007 & 1569
CSA Style
TR64


Similar Part No. - ACF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Conquer Electronics Co....
ACF CONQUER-ACF Datasheet
526Kb / 1P
Fast-Acting Fuse
logo
Minmax Technology Co., ...
ACF-10 MINMAX-ACF-10 Datasheet
562Kb / 3P
AC/DC Power Module 10W
ACF-10S03 MINMAX-ACF-10S03 Datasheet
562Kb / 3P
AC/DC Power Module 10W
ACF-10S05 MINMAX-ACF-10S05 Datasheet
562Kb / 3P
AC/DC Power Module 10W
More results

Similar Description - ACF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACFS ALPHAWIRE-ACFS Datasheet
174Kb / 2P
M12 Female M16 Mount Receptacle
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
ACR ALPHAWIRE-ACR Datasheet
194Kb / 2P
M12-A Female Rear Mount PG9 Receptacle
DCF ALPHAWIRE-DCF Datasheet
173Kb / 2P
M12-A Male Front Mount PG9 Receptacle
DCFS ALPHAWIRE-DCFS Datasheet
191Kb / 2P
M12-A Male Front Mount M16 Receptacle
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
M12-A Male Rear Mount PG9 Receptacle
logo
NorComp
859-005-103RP94 NORCOMP-859-005-103RP94 Datasheet
69Kb / 1P
M12 // 5 POS // MALE // A CODE // PANEL MOUNT // PG9
REV.00
859-005-203R2F4 NORCOMP-859-005-203R2F4 Datasheet
74Kb / 1P
M12 - 5 POS - FEMALE - A-CODE - PG9 THREADS - 2FLATS
REV.00
859-008-203R2F4 NORCOMP-859-008-203R2F4 Datasheet
69Kb / 1P
M12 // 8P // FEMALE // A-CODE // PG9 THREADS // 2 FLATS
REV.00
logo
TE Connectivity Ltd
T417132000800X TEC-T417132000800X Datasheet
284Kb / 1P
M12 PANEL MOUNT CONNECTOR A CODE, FEMALE,FRONT MOUNT WITH WIRE
REV B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com