Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACFS Datasheet(PDF) 1 Page - Alpha Wire

Part # ACFS
Description  M12 Female M16 Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

ACFS Datasheet(HTML) 1 Page - Alpha Wire

  ACFS Datasheet HTML 1Page - Alpha Wire ACFS Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: ACFS Series
M12 Female M16 Mount Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
M12, Female
Applicable Standard
IEC 61076-2-101
Receptacle Threads
Internal
Housing
Stainless Steel, Leads Epoxy Potted
Insert
PBT
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Front
Panel Nut
Not Included
O-Ring
EPDM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Rated Voltage
4 Pole 250 V (IEC) 300V (UL)
5 Pole 60 V (IEC) 30V (UL)
UL File
E485156
Lead Wires
AWG
22 AWG (7/30) Tinned Copper
Insulation
PVC
Outside Diameter
0.062” Nominal
Lead Length
0.5 Meters (19.7”)
UL Style
AWM 1007 & 1569
CSA Style
TR64
Environmental


Similar Part No. - ACFS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Conquer Electronics Co....
ACF CONQUER-ACF Datasheet
526Kb / 1P
Fast-Acting Fuse
logo
Minmax Technology Co., ...
ACF-10 MINMAX-ACF-10 Datasheet
562Kb / 3P
AC/DC Power Module 10W
ACF-10S03 MINMAX-ACF-10S03 Datasheet
562Kb / 3P
AC/DC Power Module 10W
More results

Similar Description - ACFS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
ACR ALPHAWIRE-ACR Datasheet
194Kb / 2P
M12-A Female Rear Mount PG9 Receptacle
DCFS ALPHAWIRE-DCFS Datasheet
191Kb / 2P
M12-A Male Front Mount M16 Receptacle
logo
Molex Electronics Ltd.
1201095001 MOLEX-1201095001 Datasheet
28Kb / 1P
Ultra-Lock (M12) Ethernet Receptacle, 4 Poles, FPM M16, Female (Straight), D-Code, 0.050m (1.97") Length
08/27/2022
1201095002 MOLEX-1201095002 Datasheet
29Kb / 1P
Ultra-Lock (M12) Ethernet Receptacle, 4 Poles, FPM M16, Female (Straight), D-Code, 0.050m (1.97") Length
11/17/2022
1201095004 MOLEX-1201095004 Datasheet
27Kb / 1P
Ultra-Lock (M12) Ethernet Receptacle, FPM M16, Female (Straight), Panel Mount 6.00mm Pins, 4 Poles, D-Code
11/17/2022
1201098001 MOLEX-1201098001 Datasheet
28Kb / 1P
Ultra-Lock (M12) Ethernet Receptacle, 4 Poles, FPM M16, Female (Straight), Panel Mount, D-Code, 0.0195m (.768") Length
08/27/2022
logo
NorComp
859-004-103R0M4 NORCOMP-859-004-103R0M4 Datasheet
74Kb / 1P
M12 // MALE // 4 POS // M16 // FRONT MOUNT // SOLDER CUP
REV.00
logo
Molex Electronics Ltd.
1300540010 MOLEX-1300540010 Datasheet
38Kb / 1P
Micro-Change (M12) 4 Pole, 90° D-Coded Adapter Female to Female RJ45, M16 x 1.5 Back Panel Mount
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com