Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACR Datasheet(PDF) 1 Page - Alpha Wire

Part # ACR
Description  M12-A Female Rear Mount PG9 Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

ACR Datasheet(HTML) 1 Page - Alpha Wire

  ACR Datasheet HTML 1Page - Alpha Wire ACR Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: ACR Series
M12-A Female Rear Mount PG9 Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
M12, Female
Applicable Specification
IEC 61076-2-101
Receptacle Threads
Internal
Housing
Nickel Plated Brass, Leads Epoxy Potted
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Rear
Panel Nut
Nickel Plated Brass
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Rated Voltage
4 Pole 250 V (IEC) 300V (UL)
5 Pole 60 V (IEC) 30V (UL)
UL File
E485156
Lead Wires
AWG
22 AWG (7/30) Tinned Copper
Insulation
PVC
Outside Diameter
0.062” Nominal
Lead Length
0.5 Meters (19.7”)
UL Style
AWM 1007 & 1569
CSA Style
TR64
Environmental


Similar Part No. - ACR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACR ABRACON-ACR Datasheet
188Kb / 1P
HIGH FREQUENCY MHZ LEADED WASHABLE AUTOMOTVE GRADE CERAMIC CRYSTAL
logo
Applied Concepts Inc.
ACR-0334-2274 ACIPOWER-ACR-0334-2274 Datasheet
291Kb / 2P
QUAD BANK LED RAIL
ACR-0402-1779 ACIPOWER-ACR-0402-1779 Datasheet
230Kb / 2P
DUAL BANK LED RAIL
ACR-0534-2413 ACIPOWER-ACR-0534-2413 Datasheet
285Kb / 2P
QUAD BANK LED RAIL
ACR-0551-2183 ACIPOWER-ACR-0551-2183 Datasheet
280Kb / 2P
SINGLE BANK LED RAIL
More results

Similar Description - ACR

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
ACFS ALPHAWIRE-ACFS Datasheet
174Kb / 2P
M12 Female M16 Mount Receptacle
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
DCF ALPHAWIRE-DCF Datasheet
173Kb / 2P
M12-A Male Front Mount PG9 Receptacle
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
M12-A Male Rear Mount PG9 Receptacle
logo
Molex Electronics Ltd.
1201090004 MOLEX-1201090004 Datasheet
29Kb / 1P
Ultra-Lock (M12) Ethernet Receptacle, FPM PG9, Female (Straight), Panel Mount, 4 Poles, D-Code
11/17/2022
logo
NorComp
859-002-203R004 NORCOMP-859-002-203R004 Datasheet
74Kb / 1P
M12 FEMALE // PANEL MOUNT (REAR) // SOLDER CUP // 2P // A-CODE
REV.01
859-005-103RP94 NORCOMP-859-005-103RP94 Datasheet
69Kb / 1P
M12 // 5 POS // MALE // A CODE // PANEL MOUNT // PG9
REV.00
859-005-203R2F4 NORCOMP-859-005-203R2F4 Datasheet
74Kb / 1P
M12 - 5 POS - FEMALE - A-CODE - PG9 THREADS - 2FLATS
REV.00
859-008-203R2F4 NORCOMP-859-008-203R2F4 Datasheet
69Kb / 1P
M12 // 8P // FEMALE // A-CODE // PG9 THREADS // 2 FLATS
REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com