Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN146 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN146
Description  Dual N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN146 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN146 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
D-5
IFN146
Dual N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 40 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
375 mW
Power Derating
3 mW/°C
Storage Temperature Range
– 65°C to 200°C
TOÐ71 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Gate, 3 Drain,
5 Source, 6 Gate, 7 Drain
At 25°C free air temperature:
IFN146
Process NJ450
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 40
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 1
nA
VGS = – 30V, VDS = ØV
– 1
µA
VGS = – 30V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 0.3
– 1.2
V
VDS = 10V, ID = 1 µA
Drain Saturation Current (Pulsed)
IDSS
30
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
30
40
mS
VDS = 10V, VGS = ØV
f = 1 kHz
Forward Transconductance
IDSS = 5 mA
Common Source Input Capacitance
Ciss
75
pF
VDS = 10V, VGS = ØV
f = 1 kHz
Common Source Reverse
Crss
15
pF
VDS = 10V, ID = ØA
f = 1 kHz
Transfer Capacitance
Noise Figure
NF
1
dB
VDS = 10V, ID = 5 mA
f = 1 kHz
RG = 100Ω
Differential Gate Source Voltage
|VGS1– VGS2|
20
mV
VDS = 10V, ID = 5 mA
¥ Low-Noise Audio Amplifier
¥ Equivalent to Japanese 2SK146
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page D-5


Similar Part No. - IFN146

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN147 INTERFET-IFN147 Datasheet
95Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN146

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N3954 INTERFET-2N3954 Datasheet
67Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com