Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVPF10 Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVPF10
Description  0.3A 10kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVPF10 Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVPF10 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVPF10 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HVPF10
0.3A 10kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 2 / 2
Fig 1
Fig 2
Forward Current Derating Curve
Circuit Configuration
Show average current rating at 55°C,
unless otherwise specified.
Max operating temperature is 150°C,
unless otherwise specified.
Fig 3
Repetitive Surge Current Derating Curve
This curve represents the percentage of published maximum surge rating as a function of surge repetition.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com