Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVPF12 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVPF12
Description  0.3A 12kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVPF12 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVPF12 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVPF12 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVPF12
0.3A 12kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
12
kV
Average Output Current
IO
Ta=25°C;Resistive Load
300
mA
Suege Current
IFSM
Ta=25°C;8.3 mS
8.0
A
Junction Temperature
TJ
-55~+150
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-55~+150
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
12
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
2.0
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=mA; IR=mA; IRR=mA
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage bridge rectifier is made of high
quality glass passivated chip and high reliability epoxy
resin sealing structure, and through professional testing
equipment inspection qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVD-34
FEATURES:
1. High reliability design.
2. Large current design.
3. Power frequency ratio.
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Ignition device power supply.
2. Microwave emission power.
3. General purpose high voltage rectifier.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: built-in M3 nut.
3. Net weight: 25grams (approx).


Similar Part No. - HVPF12

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HVPF12 EDI-HVPF12 Datasheet
45Kb / 2P
HIGH VOLTAGE SINGLE-PHASE FULL WAVE BRIDGE
More results

Similar Description - HVPF12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV100 ETC1-PV100 Datasheet
46Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE BRIDGE
logo
Sensitron
S469-01 SENSITRON-S469-01 Datasheet
156Kb / 2P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR Datasheet
55Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Motorola, Inc
MDA3500 MOTOROLA-MDA3500 Datasheet
489Kb / 4P
SINGLE-PHASE FULL-WAVE BRIDGE
logo
Sensitron
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
New Jersey Semi-Conduct...
35MB140A NJSEMI-35MB140A Datasheet
71Kb / 1P
SINGLE-PHASE FULL-WAVE BRIDGE RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HVPF08 GETEDZ-HVPF08 Datasheet
546Kb / 2P
0.3A 8.0kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
HVPF10 GETEDZ-HVPF10 Datasheet
545Kb / 2P
0.3A 10kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
HVPF06 GETEDZ-HVPF06 Datasheet
515Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
MDA920A1 NJSEMI-MDA920A1 Datasheet
94Kb / 1P
SINGLE-PHASE FULL-WAVE BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com