Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2170 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2170
Description  OVER CURRENT SENSING IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2170 Datasheet(HTML) 1 Page - International Rectifier

  IR2170 Datasheet HTML 1Page - International Rectifier IR2170 Datasheet HTML 2Page - International Rectifier IR2170 Datasheet HTML 3Page - International Rectifier IR2170 Datasheet HTML 4Page - International Rectifier IR2170 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Typical Application
Product Summary
VOFFSET
600Vmax
IQBS
1mA
Overcurrent trip
1.5usec (typ)
signal delay
Overcurrent trip level
+/-260mV (typ.)
OVER CURRENT SENSING IC
Features
• Floating channel up to +600V
• Monolithic integration
• Overcurrent sensing through shunt resistor
• Low IQBS allows the boot strap power supply
• Independent fast 1µsec overcurrent trip signal
• High common mode noise immunity
• Input overvoltage protection for IGBT short circuit
condition
• Open Drain outputs
Description
IR2170(S) is the monolithic over current sensing IC de-
signed for motor drive applications. It senses the motor
phase current through an external shunt resistor, de-
tects overcurrent condition, and transfers the signal to
the low side. IR’s proprietary high voltage isolation tech-
nology is implemented to enable the high bandwidth sig-
nal processing. The dedicated overcurrent trip (OC)
signal facilitates IGBT short circuit protection. The OC
Packages
8-Lead SOIC
IR2170(S)
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only. Please
refer to our Application Notes and DesignTips for proper circuit board layout.
8-Lead PDIP
Preliminary Data Sheet No. PD60186-C
DC Bus (up to 600V)
To Motor Phase
R
SENSE
+15V
+
(AGND)
Vdd
(DGND)
V
IN+
V
IN-
V
B
V
S
V
CC
COM
OC
(Circuit Common = DC Bus Negative)
10 uF
0.47 uF
10 nF
1 k
(typ)
1
Ω
IR2170
output pulse width can be programmed by the external resistor and capacitor. The open-drain outputs make easy for
any interface from 3.3V to 15V.


Similar Part No. - IR2170

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2171 IRF-IR2171 Datasheet
149Kb / 7P
LINEAR CURRENT SENSING IC
IR2171 IRF-IR2171 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2171S INFINEON-IR2171S Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
More results

Similar Description - IR2170

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2171 IRF-IR2171 Datasheet
149Kb / 7P
LINEAR CURRENT SENSING IC
IR2172 IRF-IR2172 Datasheet
122Kb / 7P
LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175 Datasheet
107Kb / 7P
LINEAR CURRENT SENSING IC
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
IR2175PBF IRF-IR2175PBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2172S IRF-IR2172S Datasheet
126Kb / 7P
LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175_15 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
logo
Infineon Technologies A...
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com