Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3080M Datasheet(PDF) 13 Page - International Rectifier

Part # IR3080M
Description  XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080M Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3080M Datasheet HTML 9Page - International Rectifier IR3080M Datasheet HTML 10Page - International Rectifier IR3080M Datasheet HTML 11Page - International Rectifier IR3080M Datasheet HTML 12Page - International Rectifier IR3080M Datasheet HTML 13Page - International Rectifier IR3080M Datasheet HTML 14Page - International Rectifier IR3080M Datasheet HTML 15Page - International Rectifier IR3080M Datasheet HTML 16Page - International Rectifier IR3080M Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IR3080
The IR3080 can accept changes in the VID code while operating and vary the DAC voltage accordingly. The
sink/source capability of the VDAC buffer amplifier is programmed by the same external resistor that sets the
oscillator frequency. The slew rate of the voltage at the VDAC pin can be adjusted by an external capacitor between
VDAC pin and the VOSNS- pin. A resistor connected in series with this capacitor is required to compensate the
VDAC buffer amplifier. Digital VID transitions result in a smooth analog transition of the VDAC voltage and
converter output voltage minimizing inrush currents in the input and output capacitors and overshoot of the output
voltage.
It is desirable to prevent negative inductor currents in response to a request for a lower VID code. Negative current
transforms the buck converter into a boost converter and transfers energy from the output capacitors back into the
input voltage. This energy can cause voltage spikes and damage the silver box or other components unless they
are specifically designed to handle it. Furthermore, power is wasted during the transfer of energy from the output
back to the input.
The IR3080 includes circuitry that turns off both control and synchronous MOSFETs in response to a lower VID
code so that the load current instead of the inductor discharges the output capacitors. A lower VID code is detected
by the VID step-down detect comparator which monitors the “fast” output of the DAC (plus 7mV for noise immunity)
compared to the “slow” output of the VDAC pin. If a dynamic VID step down is detected, the body brake latch is set
and the output of the error amplifier is pulled down to 75% of the DAC voltage by the VID body brake clamp. This
triggers the Body Braking
TM function, which turns off both high side and low side drivers in the phase ICs.
The converter’s output voltage needs to be monitored and compared to the VDAC voltage to determine when to
resume normal operation. Unfortunately, the voltage on the FB pin can be pulled down by its compensation network
during the sudden decrease in the Error Amplifier’s output voltage so an additional pin BBFB is provided. The BBFB
pin is connected to the converter output voltage and VDRP pin with resistors of the same value as on the FB pin
and therefore provides an un-corrupted representation of converter output voltage. The regulation detect
comparator compares the BBFB to the VDAC voltage and resets the body brake latch releasing the error amplifier’s
output and allowing normal operation to resume. Body Braking
TM during a transition to a lower VID code can be
disabled by connecting the BBFB pin to ground.
700
0.6V
VID INPUT
COMPARATORS
(1 OF 6 SHOWN)
-
DIGITAL TO
ANALOG
CONVERTER
+
VDAC BUFFER
AMP
ISINK
ISOURCE
"FAST" VDAC
VDAC
"SLOW" VDAC
+
-
VID DOWN
BB CLAMP
75%
+
-
7mV
S
1.7us
BLANKING
REGULATION
DETECT
COMPARATOR
R
BODY
BRAKE
LATCH
VID STEP-DOWN
DETECT
COMPARATOR
800ns
BLANKING
IBBFB
+
-
VID = 11111X DETECT
ENABLE
IROSC (From Current Source Generator)
TO ERROR AMP
VOSNS-
BBFB
VID3
VID5
EAOUT
VID2
VID4
VID0
VID1
VIDPWR
Figure 7. VID Control Block Diagram
Page 13 of 41
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com