Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS210 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLS210
Description  Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLS210 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLS210 Datasheet HTML 1Page - Vishay Siliconix TLS210 Datasheet HTML 2Page - Vishay Siliconix TLS210 Datasheet HTML 3Page - Vishay Siliconix TLS210 Datasheet HTML 4Page - Vishay Siliconix TLS210 Datasheet HTML 5Page - Vishay Siliconix TLS210 Datasheet HTML 6Page - Vishay Siliconix TLS210 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLS.210.
Vishay Semiconductors
3 (7)
Rev. A3, 05-Oct-00
www.vishay.com
Document Number 83050
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
95 10918
Figure 1. Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 10046
50
Figure 2. Forward Current vs. Ambient Temperature
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 10079
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tambv65°C
Figure 3. Forward Current vs. Pulse Length
0.4
0.2
0
0.2
0.4
0.6
95 10082
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 4. Rel. Luminous Intensity vs.
Angular Displacement
0
2
468
0.1
1
10
100
1000
10
96 11593
VF – Forward Voltage ( V )
Red
tp/T=0.001
tp=10ms
Figure 5. Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
96 11594
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Red
IF=10mA
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com