Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH210 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLSH210
Description  Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLSH210 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLSH210 Datasheet HTML 1Page - Vishay Siliconix TLSH210 Datasheet HTML 2Page - Vishay Siliconix TLSH210 Datasheet HTML 3Page - Vishay Siliconix TLSH210 Datasheet HTML 4Page - Vishay Siliconix TLSH210 Datasheet HTML 5Page - Vishay Siliconix TLSH210 Datasheet HTML 6Page - Vishay Siliconix TLSH210 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLS.210.
Vishay Semiconductors
4 (7)
Rev. A3, 05-Oct-00
www.vishay.com
Document Number 83050
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11595
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Red
IFAV=10mA, const.
Figure 7. Rel. Lumin. Intensity vs.
Forw. Current / Duty Cycle
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
96 11596
Red
Figure 8. Relative Luminous. Intensity vs.Forward. Current
600
620
640
660
680
0
0.2
0.4
0.6
0.8
1.2
700
96 11597
l – Wavelength ( nm )
1.0
Red
Figure 9. Relative Luminous. Intensity vs.Wavelength
0
2
468
0.1
1
10
100
1000
10
95 10030
VF – Forward Voltage ( V )
Yellow
tp/T=0.001
tp=10ms
Figure 10. Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Yellow
IF=10mA
Figure 11. Rel. Luminous Intensity vs
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Yellow
Figure 12. Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com