Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSY210 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLSY210
Description  Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLSY210 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLSY210 Datasheet HTML 1Page - Vishay Siliconix TLSY210 Datasheet HTML 2Page - Vishay Siliconix TLSY210 Datasheet HTML 3Page - Vishay Siliconix TLSY210 Datasheet HTML 4Page - Vishay Siliconix TLSY210 Datasheet HTML 5Page - Vishay Siliconix TLSY210 Datasheet HTML 6Page - Vishay Siliconix TLSY210 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLS.210.
Vishay Semiconductors
2 (7)
Rev. A3, 05-Oct-00
www.vishay.com
Document Number 83050
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
Red (TLSH210. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity 1)
IF
TLSH2100
IV
0.63
2
mcd
Luminous intensity 1)
IF = 10 mA
TLSH2101
IV
1
2.5
mcd
Dominant wavelength
IF = 10 mA
ld
640
nm
Peak wavelength
IF = 10 mA
lp
650
nm
Angle of half intensity
IF = 10 mA
ϕ
±50
deg
Forward voltage
IF = 20 mA
VF
2
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
1) in one Packing Unit IVMin./ IV Max. v 0.5
Yellow (TLSY210. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity 1)
IF
TLSY2100
IV
0.63
2
mcd
Luminous intensity 1)
IF = 10 mA
TLSY2101
IV
1
2
mcd
Dominant wavelength
IF = 10 mA
ld
581
594
nm
Peak wavelength
IF = 10 mA
lp
585
nm
Angle of half intensity
IF = 10 mA
ϕ
±50
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
1) in one Packing Unit IVMin./ IV Max. v 0.5
Green (TLSG210. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity 1)
IF
TLSG2100
IV
1
2
mcd
Luminous intensity 1)
IF = 10 mA
TLSG2101
IV
1.6
2.5
mcd
Dominant wavelength
IF = 10 mA
ld
562
575
nm
Peak wavelength
IF = 10 mA
lp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
±50
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
1) in one Packing Unit IVMin./ IV Max. v 0.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com