Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSG210 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLSG210
Description  Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLSG210 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLSG210 Datasheet HTML 1Page - Vishay Siliconix TLSG210 Datasheet HTML 2Page - Vishay Siliconix TLSG210 Datasheet HTML 3Page - Vishay Siliconix TLSG210 Datasheet HTML 4Page - Vishay Siliconix TLSG210 Datasheet HTML 5Page - Vishay Siliconix TLSG210 Datasheet HTML 6Page - Vishay Siliconix TLSG210 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLS.210.
Vishay Semiconductors
1 (7)
Rev. A3, 05-Oct-00
www.vishay.com
Document Number 83050
Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused
Package
Color
Type
Technology
Angle of Half Intensity
±ö
Red
TLSH210.
GaAsP on GaP
50
°
Yellow
TLSY210.
GaAsP on GaP
50
°
Green
TLSG210.
GaP on GaP
50
°
Description
This series was developed for use as compact surface
display.
It is housed in a 2x5 mm rectangular molded package.
This device has a flat tinted, top diffused package for
uniform brightness when used in panels.
The symbol LEDs are available in three bright colors:
high efficiency red, yellow and green.
Features
D Choice of three bright colors
D Uniform illumination
D Luminous intensity selected into groups
D Suitable for DC and pulse operation
D Flat light emitting surface
D Direct symbol indication is possible
D Yellow and green color categorized
D Wide viewing angle
96 11498
Applications
Status lights
Background illumination
Maintenance lights
Indicator of audio and visual equipment
Off / On indicator
Readout lights
Legend lights
Illumination of moving boards
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLSH210. ,TLSY210. ,TLSG210. ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
1
A
Power dissipation
Tamb ≤ 65°C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
350
K/W


Similar Part No. - TLSG210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLSG210 VISHAY-TLSG210 Datasheet
95Kb / 8P
Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
04-Feb-99
TLSG210 VISHAY-TLSG210 Datasheet
116Kb / 7P
Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
05-Oct-00
TLSG2100 VISHAY-TLSG2100 Datasheet
95Kb / 8P
Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
04-Feb-99
TLSG2101 VISHAY-TLSG2101 Datasheet
95Kb / 8P
Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
04-Feb-99
More results

Similar Description - TLSG210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLSH210 VISHAY-TLSH210 Datasheet
95Kb / 8P
Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
04-Feb-99
TLSH510 VISHAY-TLSH510 Datasheet
101Kb / 8P
Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
04-Feb-99
TLSV5100 VISHAY-TLSV5100 Datasheet
92Kb / 6P
Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package
04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
Universal LED in 5 mm Tinted Diffused Package
04-Feb-99
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
High Efficiency LED in 5 mm Tinted Diffused Package
31-Aug-04
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
Universal LED in ∅ 5 mm Tinted Diffused Package
31-Aug-04
TLSG5101 VISHAY-TLSG5101 Datasheet
128Kb / 7P
Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
05-Oct-00
TSDF2005W VISHAY-TSDF2005W Datasheet
116Kb / 7P
Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
05-Oct-00
TLVS5100 VISHAY-TLVS5100 Datasheet
109Kb / 6P
Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
23-May-13
TLSV5100 VISHAY-TLSV5100_V01 Datasheet
107Kb / 6P
Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
23-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com