Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCF Datasheet(PDF) 1 Page - Alpha Wire

Part # DCF
Description  M12-A Male Front Mount PG9 Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DCF Datasheet(HTML) 1 Page - Alpha Wire

  DCF Datasheet HTML 1Page - Alpha Wire DCF Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: DCF Series
M12-A Male Front Mount PG9 Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
M12, Male
Applicable Specification
IEC 61076-2-101
Receptacle Threads
External
Housing
Nickel Plated Brass, Leads Epoxy Potted
Insert
Nylon
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Front
Panel Nut
Nickel Plated Brass
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Rated Voltage
4 Pole 250 V (IEC) 300V (UL)
5 Pole 60 V (IEC) 30V (UL)
UL File
E485156
Lead Wires
AWG
22 AWG (7/30) Tinned Copper
Insulation
PVC
Outside Diameter
0.062” Nominal
Lead Length
0.5 Meters (19.7”)
UL Style
AWM 1007 & 1569
CSA Style
TR64
Environmental
Degree of Protection
IP 67/ NEMA 6P


Similar Part No. - DCF

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DCF-37P-NR JAE-DCF-37P-NR Datasheet
43Kb / 4P
D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
logo
Adam Technologies, Inc.
DCF-XX ADAM-TECH-DCF-XX Datasheet
106Kb / 1P
DUST COVER FEMALE D-SUB
logo
Sanyo Semicon Device
DCF010 SANYO-DCF010 Datasheet
49Kb / 2P
Ultrahigh-Speed Switching Diode
logo
STEGO Elektrotechnik Gm...
DCF010 STEGO-DCF010 Datasheet
1Mb / 1P
ELECTRONIC HYGROSTAT – DC LINE
15.09.2023
logo
Sanyo Semicon Device
DCF015 SANYO-DCF015 Datasheet
41Kb / 2P
High-Speed Switching Diode
More results

Similar Description - DCF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
ACR ALPHAWIRE-ACR Datasheet
194Kb / 2P
M12-A Female Rear Mount PG9 Receptacle
DCFS ALPHAWIRE-DCFS Datasheet
191Kb / 2P
M12-A Male Front Mount M16 Receptacle
DCN ALPHAWIRE-DCN Datasheet
184Kb / 2P
M12-A Male 쩍 NPT Mount Receptacle
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
M12-A Male Rear Mount PG9 Receptacle
HCF ALPHAWIRE-HCF Datasheet
164Kb / 2P
M8 Male Front Mount M8 Receptacle
logo
NorComp
859-004-103R0M4 NORCOMP-859-004-103R0M4 Datasheet
74Kb / 1P
M12 // MALE // 4 POS // M16 // FRONT MOUNT // SOLDER CUP
REV.00
859-004-203R2F4 NORCOMP-859-004-203R2F4 Datasheet
74Kb / 1P
M12 - 4P - A-CODE - PG9 THREADS - 2 FLATS
REV.00
859-005-103RP94 NORCOMP-859-005-103RP94 Datasheet
69Kb / 1P
M12 // 5 POS // MALE // A CODE // PANEL MOUNT // PG9
REV.00
859-B04-103R004 NORCOMP-859-B04-103R004 Datasheet
67Kb / 1P
M12 // 4 POS // MALE // B CODE // PANEL MOUNT // PG9
REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com