Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCFS Datasheet(PDF) 2 Page - Alpha Wire

Part # DCFS
Description  M12-A Male Front Mount M16 Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DCFS Datasheet(HTML) 2 Page - Alpha Wire

  DCFS Datasheet HTML 1Page - Alpha Wire DCFS Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: DCFS Series
M12-A Male Front Mount M16 Receptacle
Ordering Information
Description
Quantity
305DCFS NC404
4 Pin
Each
307DCFS NC404
5 Pin
Each
308DCFS NC404
5 Pin – Circuit Board Mount
Each
Lead Length
0.5 Meters (19.7”)
UL Style
AWM 1007 & 1569
CSA Style
TR64
Environmental
Degree of Protection
IP 67 / NEMA 6P (IP67 / IP69K for
308DCFS)
Operating Temperature
Range
-25C (-13F)/ +70C (+158F)
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy
at the time of this publication, information and specifications described herein are
subject to error or omission and to change without notice, and the listing of such
information and specifications does not ensure product availability. Alpha provides the
information and specification herein on an “AS IS” basis, with no representations or
warranties, whether express, statutory or implied. In no event will Alpha be liable any
damages (including consequential, indirect, incidental, special, punitive, or exemplary
damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in
connection with the use, or inability to use, the information or specification described
herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com