Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCN Datasheet(PDF) 1 Page - Alpha Wire

Part # DCN
Description  M12-A Male 쩍 NPT Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DCN Datasheet(HTML) 1 Page - Alpha Wire

  DCN Datasheet HTML 1Page - Alpha Wire DCN Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: DCN Series
M12-A Male ½ NPT Mount Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
M12, Male
Applicable Specification
IEC 61076-2-101
Receptacle Threads
External
Housing
Aluminum, Anodized Blue, Leads Epoxy
Potted
Insert
Nylon
Contact
Copper Alloy, Gold Plated
Mounting Orientation
1/2” 14-NPT
Panel Nut
Nickel Plated Brass
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Rated Voltage
4 Pole 250 V (IEC) 300V (UL)
5 Pole 60 V (IEC) 30V (UL)
UL File
E485156
Lead Wires
AWG
22 AWG (7/30) Tinned Copper
Insulation
PVC
Outside Diameter
0.062” Nominal
Lead Length
0.5 Meters (19.7”)
UL Style
AWM 1007 & 1569
CSA Style
TR64
Environmental
Degree of Protection
IP 67/ NEMA 6P


Similar Part No. - DCN

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
DCN ILLINOISCAPACITOR-DCN Datasheet
334Kb / 5P
Very fast charge/discharge ??High power density ??IEC 62391
logo
FCI connector
DCN09P064HTXLF FCI-CONNECTOR-DCN09P064HTXLF Datasheet
115Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
DCN09S064HTXLF FCI-CONNECTOR-DCN09S064HTXLF Datasheet
115Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
logo
Omron Electronics LLC
DCN1-1C OMRON-DCN1-1C Datasheet
258Kb / 4P
T-branch Taps and Terminal-block Terminator
DCN1-1C OMRON-DCN1-1C Datasheet
3Mb / 24P
General-purpose Peripheral Devices
More results

Similar Description - DCN

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
DCF ALPHAWIRE-DCF Datasheet
173Kb / 2P
M12-A Male Front Mount PG9 Receptacle
DCFS ALPHAWIRE-DCFS Datasheet
191Kb / 2P
M12-A Male Front Mount M16 Receptacle
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
M12-A Male Rear Mount PG9 Receptacle
DR0400105 ALPHAWIRE-DR0400105 Datasheet
157Kb / 2P
M12-A Male
DR0500106 ALPHAWIRE-DR0500106 Datasheet
160Kb / 2P
M12-A Male
JCF ALPHAWIRE-JCF Datasheet
206Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
KCF ALPHAWIRE-KCF Datasheet
193Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
LCF3 ALPHAWIRE-LCF3 Datasheet
192Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
LCF6 ALPHAWIRE-LCF6 Datasheet
194Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com