Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2715 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715
Description  TFT Panel Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2715 Datasheet HTML 1Page - National Semiconductor (TI) LM2715 Datasheet HTML 2Page - National Semiconductor (TI) LM2715 Datasheet HTML 3Page - National Semiconductor (TI) LM2715 Datasheet HTML 4Page - National Semiconductor (TI) LM2715 Datasheet HTML 5Page - National Semiconductor (TI) LM2715 Datasheet HTML 6Page - National Semiconductor (TI) LM2715 Datasheet HTML 7Page - National Semiconductor (TI) LM2715 Datasheet HTML 8Page - National Semiconductor (TI) LM2715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagram
Top View
20058404
TSSOP 16 package
T
JMAX = 125˚C,
θ
JA = 120˚C/W (Note 1)
Pin Description
Pin
Name
Function
1
Vcom+
Vcom Amplifier positive input.
2
Vcom−
Vcom Amplifier negative input.
3
Vcom
Vcom Amplifier output.
4
AGND
Analog Ground. Connect to AGND plane.
5
Delay
PMOS switch delay.
6V
C
Boost Compensation Network Connection.
7
FB
Output Voltage Feedback input.
8
PGND
Power Ground. Connect to PGND plane.
9
SW
NMOS power switch input.
10
V
IN
Main power input, step-up and switch circuitry.
11
SWI
PMOS switch input.
12
SWO
PMOS switch output.
13
SWC
PMOS switch control pin.
14
AV
IN
Analog power input (buffers).
15
GMA
Gamma buffer output.
16
GMA+
Gamma buffer input.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com