Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2212 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 17Page - NXP Semiconductors LPC2212 Datasheet HTML 18Page - NXP Semiconductors LPC2212 Datasheet HTML 19Page - NXP Semiconductors LPC2212 Datasheet HTML 20Page - NXP Semiconductors LPC2212 Datasheet HTML 21Page - NXP Semiconductors LPC2212 Datasheet HTML 22Page - NXP Semiconductors LPC2212 Datasheet HTML 23Page - NXP Semiconductors LPC2212 Datasheet HTML 24Page - NXP Semiconductors LPC2212 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Philips Semiconductors
LPC2212/LPC2214
16/32-bit ARM microcontrollers with external memory interface
Product data
Rev. 02 — 23 December 2004
21 of 40
9397 750 13149
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.12 10-bit A/D converter
The LPC2212/LPC2214 each contain single 10-bit successive approximation analog
to digital converter with eight multiplexed channels.
6.12.1
Features
• Measurement range of 0 V to 3 V.
• Capable of performing more than 400,000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
6.13 UARTs
The LPC2212/LPC2214 each contain two UARTs. One UART provides a full modem
control handshake interface, the other provides only transmit and receive data lines.
6.13.1
Features
• 16 byte Receive and Transmit FIFOs.
• Register locations conform to ‘550 industry standard.
• Receiver FIFO trigger points at 1, 4, 8, and 14 bytes
• Built-in baud rate generator.
• Standard modem interface signals included on UART1.
6.14 I2C serial I/O controller
I2C is a bi-directional bus for inter-IC control using only two wires: a serial clock line
(SCL), and a serial data line (SDA). Each device is recognized by a unique address
and can operate as either a receiver-only device (e.g. an LCD driver or a transmitter
with the capability to both receive and send information (such as memory).
Transmitters and/or receivers can operate in either master or slave mode, depending
on whether the chip has to initiate a data transfer or is only addressed. I2C is a
multi-master bus, it can be controlled by more than one bus master connected to it.
I2C implemented in LPC2212/LPC2214 supports bit rate up to 400 kbit/s (Fast I2C).
6.14.1
Features
• Standard I2C compliant bus interface.
• Easy to configure as Master, Slave, or Master/Slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of
serial data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate
via one serial bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com