Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1765 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1765
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1765 Datasheet HTML 9Page - Linear Technology LT1765 Datasheet HTML 10Page - Linear Technology LT1765 Datasheet HTML 11Page - Linear Technology LT1765 Datasheet HTML 12Page - Linear Technology LT1765 Datasheet HTML 13Page - Linear Technology LT1765 Datasheet HTML 14Page - Linear Technology LT1765 Datasheet HTML 15Page - Linear Technology LT1765 Datasheet HTML 16Page - Linear Technology LT1765 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
13
sn1765 1765fas
Example: with VIN = 10V, VOUT = 5V and IOUT = 2A:
P
W
PW
PW
SW
BOOST
Q
= (
)()()
+
()()( )()
=+
=
= ()(
)
=
=
()=
−
013 2
5
10
17 10
2 10 1 25 10
026 0 43
069
52 50
10
01
10 0 001
0 01
2
96
2
.
•.
•
..
.
/
.
..
Total power dissipation, PTOT, is 0.69 + 0.1 + 0.01 = 0.8W.
Thermal resistance for the LT1765 16-lead TSSOP ex-
posed pad package is influenced by the presence of
internal or backside planes. With a full plane under the
package, thermal resistance will be about 45
°C/W. With
no plane under the package, thermal resistance will in-
crease to about 110
°C/W. For the exposed pad package
θJC(PAD) = 10°C/W. Thermal resistance is dominated by
board performance. To calculate die temperature, use the
appropriate thermal resistance number and add in worst-
case ambient temperature:
TJ = TA + θJA (PTOT)
When estimating ambient, remember the nearby catch
diode will also be dissipating power.
P
VV
V
I
V
DIODE
F
IN
OUT
LOAD
IN
= ()
−
()(
)
VF = Forward voltage of diode (assume 0.5V at 2A)
PW
DIODE =
() −
()( )
=
05 10 5 2
10
05
.
.
Notice that the catch diode’s forward voltage contributes
a significant loss in the overall system efficiency. A larger,
lower VF diode can improve efficiency by several percent.
Typical thermal resistance of the board
θBis35°C/W.Atan
ambient temperature of 25
°C,
TJ = TA + θJA(PTOT) + θB(PDIODE)
TJ = 25 + 45 (0.8) + 35 (0.5) = 79°C
DIE TEMPERATURE MEASUREMENT
If a true die temperature is required, a measurement of the
SYNC to GND pin resistance can be used. The SYNC pin
resistance across temperature must first be calibrated,
with no significant output load, in an oven. An initial value
of 40k with a temperature coefficient of 0.16%/
°C is
typical. The same measurement can then be used in
operation to indicate the die temperature.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response, the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits, read the ‘LAYOUT CONSIDERATIONS’ section
first. Common layout errors that appear as stability prob-
lems are distant placement of input decoupling capacitor
and/or catch diode, and connecting the VC compensation
to a ground track carrying significant switch current. In
addition, the theoretical analysis considers only first order
ideal component behavior. For these reasons, it is impor-
tant that a final stability check is made with production
layout and components.
The LT1765 uses current mode control. This alleviates
many of the phase shift problems associated with the
inductor. The basic regulator loop is shown in Figure 7,
with both tantalum and ceramic capacitor equivalent cir-
cuits. The LT1765 can be considered as two gm blocks, the
error amplifier and the power stage.
APPLICATIO S I FOR ATIO
Figure 7. Model for Loop Response
1.2V
VSW
VC
LT1765
GND
1765 F07
R1
OUTPUT
ESR
CF
CC
RC
500k
ERROR
AMPLIFIER
FB
R2
C1
CURRENT MODE
POWER STAGE
gm = 5mho
gm =
850
µmho
+
ESL
CERAMIC
TANTALUM
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com