Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1956 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1956
Description  High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1956 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1956 Datasheet HTML 17Page - Linear Technology LT1956 Datasheet HTML 18Page - Linear Technology LT1956 Datasheet HTML 19Page - Linear Technology LT1956 Datasheet HTML 20Page - Linear Technology LT1956 Datasheet HTML 21Page - Linear Technology LT1956 Datasheet HTML 22Page - Linear Technology LT1956 Datasheet HTML 23Page - Linear Technology LT1956 Datasheet HTML 24Page - Linear Technology LT1956 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LT1956/LT1956-5
1956f
APPLICATIO S I FOR ATIO
Input Voltage vs Operating Frequency Considerations
The absolute maximum input supply voltage for the LT1956
is specified at 60V. This is based on internal semiconduc-
tor junction breakdown effects. The practical maximum
input supply voltage for the LT1956 may be less than 60V
due to internal power dissipation or switch minimum on
time considerations.
For the extreme case of an output short-circuit fault to
ground, see the section Short-Circuit Considerations.
A detailed theoretical basis for estimating internal power
dissipation is given in the Thermal Calculations section.
This will allow a first pass check of whether an application’s
maximum input voltage requirement is suitable for the
LT1956. Be aware that these calculations are for DC input
voltages and that input voltage transients as high as 60V
are possible if the resulting increase in internal power
dissipation is of insufficient time duration to raise die
temperature significantly. For the FE package, this means
high voltage transients on the order of hundreds of milli-
seconds are possible. If LT1956 (FE package) thermal
calculations show power dissipation is not suitable for the
given application, the LT1766 (FE package) is a recom-
mended alternative since it is identical to the LT1956 but
runs cooler at 200kHz.
Switch minimum on time is the other factor that may limit
the maximum operational input voltage for the LT1956 if
pulse-skipping behavior is not allowed. For the LT1956,
pulse-skipping may occur for VIN/(VOUT + VF) ratios > 4.
(VF = Schottky diode D1 forward voltage drop, Figure 5.)
If the LT1766 is used, the ratio increases to 10. Pulse-
skipping is the regulator’s way of missing switch pulses to
maintain output voltage regulation. Although an increase
in output ripple voltage can occur during pulse-skipping,
a ceramic output capacitor can be used to keep ripple
voltage to a minimum (see output ripple voltage compari-
son for tantalum vs ceramic output capacitors, Figure 3).
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response, the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits, read the Layout Considerations section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/
or catch diode, and connecting the VC compensation to a
ground track carrying significant switch current. In addi-
tion, the theoretical analysis considers only first order
non-ideal component behavior. For these reasons, it is
important that a final stability check is made with produc-
tion layout and components.
The LT1956 uses current mode control. This alleviates
many of the phase shift problems associated with the
inductor. The basic regulator loop is shown in Figure 10.
The LT1956 can be considered as two gm blocks, the error
amplifier and the power stage.
Figure 11 shows the overall loop response. At the VC pin,
the frequency compensation components used are:
RC = 2.2k, CC = 0.022µF and CF = 220pF. The output
capacitor used is a 100
µF, 10V tantalum capacitor with
typical ESR of 100m
Ω.
The ESR of the tantalum output capacitor provides a useful
zero in the loop frequency response for maintaining stabil-
ity. This ESR, however, contributes significantly to the
ripple voltage at the output (see Output Ripple Voltage in
the Applications Information section). It is possible to
reduce capacitor size and output ripple voltage by replac-
ing the tantalum output capacitor with a ceramic output
capacitor because of its very low ESR. The zero provided
by the tantalum output capacitor must now be reinserted
back into the loop. Alternatively, there may be cases
where, even with the tantalum output capacitor, an addi-
tional zero is required in the loop to increase phase margin
for improved transient response.
A zero can be added into the loop by placing a resistor (RC)
at the VC pin in series with the compensation capacitor, CC,
or by placing a capacitor (CFB) between the output and the
FB pin.
When using RC, the maximum value has two limitations.
First, the combination of output capacitor ESR and RC may
stop the loop rolling off altogether. Second, if the loop gain
is not rolled off sufficiently at the switching frequency,
output ripple will perturb the VC pin enough to cause
unstable duty cycle switching similar to subharmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com