Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDR3318K7-R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDR3318K7-R
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR3318K7-R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDR3318K7-R Datasheet HTML 3Page - STMicroelectronics LDR3318K7-R Datasheet HTML 4Page - STMicroelectronics LDR3318K7-R Datasheet HTML 5Page - STMicroelectronics LDR3318K7-R Datasheet HTML 6Page - STMicroelectronics LDR3318K7-R Datasheet HTML 7Page - STMicroelectronics LDR3318K7-R Datasheet HTML 8Page - STMicroelectronics LDR3318K7-R Datasheet HTML 9Page - STMicroelectronics LDR3318K7-R Datasheet HTML 10Page - STMicroelectronics LDR3318K7-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LDRxxyy
7/13
Figure 22: Quiescent Current (VO1) vs Output
Current
Figure 23: Quiescent Current (VO2) vs Output
Current
Figure 24: Thermal Protection vs VO1
Figure 25: Load Transient
Figure 26: Line Transient VO1,2
Figure 27: Start up Transient VO1
CI1,2=1µF, CO1,2=2.2µF, VINH1,2=2.5V, VI1=4.5V, VI2=5.3V,
IO1=5mA to 0.5A, IO2=5mA to 1A, tRISE=tFALL=4.2µs
CI1,2=0, CO1,2=2.2µF, VI1=4.4 to 10.4V, VI2=5.3 to 11.3V,
IO1=0.25A, IO2=0.5A, tRISE=tFALL=4.4µs
VI1=1.1 to 8.5V, VI2=1.2 to 9.8V, IO1=0.25A, IO2=0.5A, tRISE=5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com