Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3464 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology LT3464 Datasheet HTML 10Page - Linear Technology LT3464 Datasheet HTML 11Page - Linear Technology LT3464 Datasheet HTML 12Page - Linear Technology LT3464 Datasheet HTML 13Page - Linear Technology LT3464 Datasheet HTML 14Page - Linear Technology LT3464 Datasheet HTML 15Page - Linear Technology LT3464 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3464
13
3464i
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
20V
SW
GND
OUT
CAP
FB
LT3464
L1
10
µH
C1
1
µF
C2
0.1
µF
C3
0.1
µF
R2
4.53M
R1
301k
1
8
7
6
3
5
2
4
3464 TA04
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN TMK107 BJ104MA-T
C3: TAIYO YUDEN TMK107 BJ104MA-T
L1: TAIYO YUDEN LB 2012T100MR
Ultra High Efficiency 20V Output Converter
with Output Disconnect
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
20V
SW
GND
OUT
CAP
FB
LT3464
L1
47
µH
C1
1
µF
C2
0.33
µF
C3
0.22
µF
R2
4.53M
R1
301k
1
8
7
6
3
5
2
4
3464 TA05
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN GMK212 BJ334MG-T
C3: TAIYO YUDEN GMK212 BJ224MG-T
L1: MURATA LQH32CN470K
20V Output Converter with Output Disconnect Using an 0805
Inductor and 0603 Capacitors
TYPICAL APPLICATIO S
VIN (V)
IOUT (mA)
3.6
3.0
5.0
4.0
8.4
6.0
VIN (V)
IOUT (mA)
3.6
6.0
5.0
8.0
8.4
15.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com