Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52734 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52734
Description  3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52734 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52734 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52734 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MITSUBISHI ICs (Monitor)
M52734SP
3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
2
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
ELECTRICAL CHARACTERISTICS (VCC=12V, Ta=25
°C, unless otherwise noted)
Symbol
Parameter
Ratings
Unit
VCC
Supply voltage
13.0
V
Pd
Power dissipation
2016
mW
Topr
Ambient temperature
-20 to +85
°C
Tstg
Storage temperature
-40 to +150
°C
Vopr
Recommended supply voltage
12.0
V
Vopr’
Recommended supply voltage range
11.5 to 12.5
V
Surge
Electrostatic discharge
±200
V
Symbol
Parameter
Test conditions
Limits
Unit
Test
point
(s)
Input
External power supply (V)
Pulse input
SW13
R-ch
SW8
G-ch
SW3
B-ch
V4
V17
V19
V36 SW18
SW1
5, 10,
15
Min.
Typ.
Max.
ICC
Circuit current
A
a
−
a
−
a
−
5552
b
SG5
a
−
70
100
140
mA
Vomax
Output dynamic range
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
55
Vari-
able
5
b
SG5
a
−
5.8
6.8
9.0
VP-P
Vimax
Maximum input
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
5
2.5
1
5
b
SG5
a
−
1
1.8
−
VP-P
Gv
Maximum gain
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
5525
b
SG5
a
−
15
17
20
dB
∆Gv
Relative maximum gain
Relative to measured values above
0.8
1
1.2
−
VCR1
Contrast control
characteristics (typical)
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
5425
b
SG5
a
−
14
15.5
17
dB
∆VCR1
Contrast control relative
characteristics (typical)
Relative to measured values above
0.8
1
1.2
−
VCR2
Contrast control
characteristics
(minimum)
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
5125
b
SG5
a
−
0.3
0.6
0.9
VP-P
∆VCR2
Contrast control relative
characteristics (minimum)
Relative to measured values above
0.8
1
1.2
−
VSCR1
Sub contrast control
characteristics (typical)
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
4525
b
SG5
a
−
14
15.5
17
dB
∆VSCR1
Sub contrast control
relative characteristics
(typical)
Relative to measured values above
0.8
1
1.2
−
VSCR2
Sub contrast control
characteristics
(minimum)
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
1525
b
SG5
a
−
0.5
0.9
1.3
VP-P
∆VSCR2
Sub contrast control relative
characteristics (minimum)
Relative to measured values above
0.8
1
1.2
−
VSCR3
Contrast/sub contrast
control characteristics
(typical)
T.P.35
T.P.30
T.P.25
b
SG6
b
SG6
b
SG6
3325
b
SG5
a
−
0.8
1.5
2.2
VP-P
∆VSCR3
Contrast/sub contrast
control relative
characteristics (typical)
Relative to measured values above
0.8
1
1.2
−
VB1
Brightness control
characteristics
(maximum)
T.P.35
T.P.30
T.P.25
a
−
a
−
a
−
5545
b
SG5
a
−
3.0
3.6
4.2
V
∆VB1
Brightness control relative
characteristics (maximum)
Relative to measured values above
-0.3
0
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com