Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS60-HMAT4K02 Datasheet(PDF) 4 Page - SICK AG

Part # SFS60-HMAT4K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SFS60-HMAT4K02 Datasheet(HTML) 4 Page - SICK AG

  SFS60-HMAT4K02 Datasheet HTML 1Page - SICK AG SFS60-HMAT4K02 Datasheet HTML 2Page - SICK AG SFS60-HMAT4K02 Datasheet HTML 3Page - SICK AG SFS60-HMAT4K02 Datasheet HTML 4Page - SICK AG SFS60-HMAT4K02 Datasheet HTML 5Page - SICK AG SFS60-HMAT4K02 Datasheet HTML 6Page - SICK AG SFS60-HMAT4K02 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SFS60-HMAT4K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Dimensional drawing (Dimensions in mm (inch))
43 (1.69)
9.4 (0.37)
3.4 (0.13)
7.75
(0.31)
M12 x 1
M23 x 1
13
(0.51)
47 (1.85)
Ø 63±0.2 (2.48)
72±0.3 (2.83)
Ø 3.2+0.1 (0.13)
A
min. 15 (0.59)
General tolerances according to DIN ISO 2768-mk
Proposed fitting
48.8 (1.92)
15.2 (0.60)
3.4 (0.13)
20°
20 (0.79)
min. 22,5 (0.89)
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-05-10 11:53:11
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com