Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4055 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4055
Description  USB Power Controller and Li-Ion Linear Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4055 Datasheet HTML 16Page - Linear Technology LTC4055 Datasheet HTML 17Page - Linear Technology LTC4055 Datasheet HTML 18Page - Linear Technology LTC4055 Datasheet HTML 19Page - Linear Technology LTC4055 Datasheet HTML 20Page - Linear Technology LTC4055 Datasheet HTML 21Page - Linear Technology LTC4055 Datasheet HTML 22Page - Linear Technology LTC4055 Datasheet HTML 23Page - Linear Technology LTC4055 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC4055
4055p
+
IN1
IN2
CHRG
ACPR
WALL
VNTC
NTC
OUT
Li-Ion
CELL
SUSPEND USB POWER
500mA/100mA SELECT
SHUTDOWN
10
µF
R3
1
Ω
10
µF
TIMER PROG
LTC4055
CLPROG
GND
4055 F05
TO LDOs,
REGs, ETC
BAT
SUSP
HPWR
SHDN
CTIMER
0.1
µF
RPROG
61.9k
5V (NOM)
FROM USB
CABLE VBUS
5V WALL
ADAPTER INPUT
RCLPROG
105k
R1
34.8k
R2
10k
RNTCBIAS
100k
NTC
100k
Figure 5. USB Power Control Application with Wall Adapter Input
TYPICAL APPLICATIO S
LTC4055 Configured for USB Application with Wall
Adapter
Figure 5 shows an LTC4055 configured for USB applica-
tions with the optional wall adaptor input. The program-
ming resistor (RCLPROG) is set to 105k which sets up a
nominal current limit of 467mA in high power mode
(92mA in low power). This is done to prevent the various
tolerances in the part and programming resistors from
allowing the input current supplied by VBUS to exceed the
500mA/100mA limits.
The programming resistor (RPROG) with a value of 61.9k
sets up a nominal charge current of approximately 800mA.
Note that this is the charge current when the wall adapter
is present. When the wall adapter is absent, the current
limit supersedes the charge current programming and
charge current is limited to 467mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com