Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4055EUF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4055EUF
Description  USB Power Controller and Li-Ion Linear Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055EUF Datasheet(HTML) 3 Page - Linear Technology

  LTC4055EUF Datasheet HTML 1Page - Linear Technology LTC4055EUF Datasheet HTML 2Page - Linear Technology LTC4055EUF Datasheet HTML 3Page - Linear Technology LTC4055EUF Datasheet HTML 4Page - Linear Technology LTC4055EUF Datasheet HTML 5Page - Linear Technology LTC4055EUF Datasheet HTML 6Page - Linear Technology LTC4055EUF Datasheet HTML 7Page - Linear Technology LTC4055EUF Datasheet HTML 8Page - Linear Technology LTC4055EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC4055
4055p
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 5V, VBAT = 3.5V, HPWR = 5V, WALL = 0V,
RPROG = RCLPROG = 100k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Charger
VFLOAT
Regulated Output Voltage
(0
°C to 85°C)
4.165
4.200
4.235
V
q
4.158
4.200
4.242
V
IBAT
Current Mode Charge Current
RPROG = 100k, HPWR = 5V, No Load
q
445
485
525
mA
RPROG = 100k, HPWR = 0V, No Load
q
55
80
105
mA
RPROG = 100k, VOUT = 5V, VIN = 0V,
q
445
485
525
mA
VWALL = 2V
RPROG = 50k, HPWR = 5V, No Load
q
900
980
1060
mA
RPROG = 50k, VOUT = 5V, VIN = 0V,
q
900
980
1060
mA
VWALL = 2V
IBAT(MAX)
Maximum Charge Current
(Note 8)
1
A
∆IB/∆IO
Charge Current Load Dependency
∆IBAT/∆IOUT, IOUT = 100mA
q
0.95
1
1.05
mA/mA
ITRKL
Trickle Charge Current
VBAT = 2V, RPROG = 100k
30
45
60
mA
VTRKL
Trickle Charge Threshold Voltage
VBAT Rising
q
2.7
2.85
3
V
VCENI
Input Charger Enable Threshold
(VIN – VBAT) High to Low
70
mV
Voltage
(VIN – VBAT) Low to High
80
mV
VCENO
Output Charger Enable Threshold
(VOUT – VBAT) High to Low
70
mV
Voltage
(VOUT – VBAT) Low to High
80
mV
VUVCL
Input/Output Undervoltage Current
IBAT = ICHG/2
q
4.23
4.3
4.37
V
Limit
VRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG
q
65
100
135
mV
tTIMER
TIMER Accuracy
CTIMER = 0.1µF
±10
%
Recharge Time
Percent of Total Charge Time
50
%
Low-Battery Trickle Charge Time
Percent of Total Charge Time, VBAT < 2.8V
25
%
TLIM
Junction Temperature in Constant
105
°C
Temperature Mode
Ideal Diode
RFWD
On Resistance, VON Regulation
VBAT = 3.5V, 100mA Load
0.1
Ω
RDIO,ON
On Resistance VBAT to VOUT
VBAT = 3.5V, 600mA Load
0.2
Ω
VFWD
Voltage Forward Drop (VBAT – VOUT)VBAT = 3.5V, 5mA Load
q
10
30
50
mV
VBAT = 3.5V, 100mA Load
55
mV
VBAT = 3.5V, 600mA
120
mV
VOFF
Diode Disable Battery Voltage
VBAT Falling
2.8
V
IFWD
Load Current Limit for VON Regulation VIN = 3.5V
550
mA
IMAX
Diode Current Limit
VBAT = 3.5V, VOUT = 2.8V, Pulsed with
1.4
1.8
2.2
A
10% Duty Cycle
Logic
VOL
Output Low Voltage (CHRG, ACPR)
ISINK = 5mA
q
0.2
0.4
V
VIH
Enable Input High Voltage
SUSP, SHDN, HPWR Pin Low to High
q
1.2
V
VIL
Enable Input Low Voltage
SUSP, SHDN, HPWR Pin High to Low
q
0.4
V
IPULLDN
Logic Input Pull-Down Current
SUSP, SHDN, HPWR
2
µA
VCHG,SD
Charger Shutdown Threshold Voltage
TIMER Falling
q
0.15
0.4
V
on TIMER
ICHG,SD
Charger Shutdown Pull-Up Current
VTIMER = 0V
q
24
µA
on TIMER
VWALL
Wall Input Threshold Voltage
VWALL Rising Threshold
q
0.98
1.000
1.02
V
VWALL,HYS
Wall Input Hysteresis
VWALL Rising – VWALL Falling Threshold
35
mV
IWALL
Wall Input Leakage Current
VWALL = 1V
0
±50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com