Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCF Datasheet(PDF) 1 Page - Alpha Wire

Part # GCF
Description  M8 Female Front Mount M8 Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

GCF Datasheet(HTML) 1 Page - Alpha Wire

  GCF Datasheet HTML 1Page - Alpha Wire GCF Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: GCF Series
M8 Female Front Mount M8 Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
M8, Female
Applicable Specification
IEC 61076-2-104
Receptacle Threads
Internal
Housing
Copper Alloy, Nickel Plated. Leads Epoxy
Potted
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Front
Panel Nut
Nickel Plated Brass
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Rated Voltage
Pole 60 V
UL File
E485156
Lead Wires
AWG
22 AWG (7/30) Tinned Copper


Similar Part No. - GCF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GCF WELWYN-GCF Datasheet
474Kb / 3P
GENERAL PURPOSE CARBON FILM RESISTORS
logo
TT Electronics.
GCF TTELEC-GCF Datasheet
510Kb / 3P
General Purpose Carbon Film Resistors
Issue D . 11.06
logo
Cooper Bussmann, Inc.
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
5mm 횇 25mm Ferrule Fuses
logo
Nihon Inter Electronics...
GCF06A20 NIEC-GCF06A20 Datasheet
53Kb / 4P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
GCF06A20 KSS-GCF06A20 Datasheet
564Kb / 5P
Fast Recovery Diode
More results

Similar Description - GCF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
GR03HR100 ALPHAWIRE-GR03HR100 Datasheet
140Kb / 2P
M8 Female to M8 Male
GR04HR101 ALPHAWIRE-GR04HR101 Datasheet
143Kb / 2P
M8 Female to M8 Male
GR0300100 ALPHAWIRE-GR0300100 Datasheet
149Kb / 2P
M8 Female
GR0400101 ALPHAWIRE-GR0400101 Datasheet
151Kb / 2P
M8 Female
HCF ALPHAWIRE-HCF Datasheet
164Kb / 2P
M8 Male Front Mount M8 Receptacle
logo
Molex Electronics Ltd.
1200905071 MOLEX-1200905071_V01 Datasheet
36Kb / 1P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200905076 MOLEX-1200905076_V01 Datasheet
36Kb / 1P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
1200905106 MOLEX-1200905106_V01 Datasheet
36Kb / 1P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Female
logo
NorComp
855-005-203R00Y NORCOMP-855-005-203R00Y Datasheet
69Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-5POSITION
Rev.05 03-04-16
855-006-203R00Y NORCOMP-855-006-203R00Y Datasheet
70Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03 03-04-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com