Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC574 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC574
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC574 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC574 Datasheet HTML 1Page - STMicroelectronics M74HC574 Datasheet HTML 2Page - STMicroelectronics M74HC574 Datasheet HTML 3Page - STMicroelectronics M74HC574 Datasheet HTML 4Page - STMicroelectronics M74HC574 Datasheet HTML 5Page - STMicroelectronics M74HC574 Datasheet HTML 6Page - STMicroelectronics M74HC574 Datasheet HTML 7Page - STMicroelectronics M74HC574 Datasheet HTML 8Page - STMicroelectronics M74HC574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC574
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: Don’t Care
Z: High Impedance
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1OE
3 State Output Enable
Input (Active LOW)
2, 3, 4, 5, 6,
7, 8, 9
D0 to D7
Data Inputs
12, 13, 14,
15, 16, 17,
18, 19
Q7 to Q0
3 State Outputs
11
CK
Clock Input (LOW to
HIGH, edge triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
OE
CK
D
Q
H
XXZ
L
X
NO CHANGE
LL
L
LH
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com